データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-S13DT データシート(PDF) 6 Page - Rohm

部品番号 SML-S13DT
部品情報  Surface mount Lens LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML-S13DT データシート(HTML) 6 Page - Rohm

Back Button SML-S13DT Datasheet HTML 2Page - Rohm SML-S13DT Datasheet HTML 3Page - Rohm SML-S13DT Datasheet HTML 4Page - Rohm SML-S13DT Datasheet HTML 5Page - Rohm SML-S13DT Datasheet HTML 6Page - Rohm SML-S13DT Datasheet HTML 7Page - Rohm SML-S13DT Datasheet HTML 8Page - Rohm SML-S13DT Datasheet HTML 9Page - Rohm SML-S13DT Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
    
[Data Sheet]
■Taping(T86)
Unit:
mm
Note)Tolerance is within ±0.2mm unless
otherwise specified.
■Part No. Construction
■Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) included in moisture-proof bags.
or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
[SML-S1x series]
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags
2.0
11.4
(Feeding
holes)
B-B'
cross
sectional
view
±1
Packing
quantity
2,000pcs/reel
Pull
direction
φ1.5
4.0
4.0
A'
B'
A-A'
cross
sectional
view
(
5
°
)
0.25
±0. 05
1.8
0.5
(2.2)
1.7
±0 .05
+ 0.1
0
±0.0 1
±0 .1
*"-"will be taken out for emitting color
Special Code will be applied for
Chromaticity rank
Rank sign
WB/B/E series.
Emitting color WB/B/E series.
(for white LED)
(Brightness Rank)*
Series name
Package Type
Chip type Emitting Color
Resin Color
Taping Specification
SML
P1
0
V
T
E1
1
U
W
D1
2
U2
B
H1
3
D
M1
4
Y3
01
5
Y2
notice)S1 series、81 seires
Z1/ZN
6
Y
A1
7
W
81/82
8
M2
K1
M
*Concerning the Brightness rank.
S1
F
*Please refer to the rank chart above for
P2
P
luminous intensity classification.
52
E
*Part name is individual for each rank.
P34
B
*When shipped as sample,the part name will
P36
WB
be a representative part name.
VN
T
General products are free of ranks.
RGB
Please contact sales if rank appointment
SCM
01
is needed.
1
S
M
L
S
3
V
T
T
Standard Type
Red
Transparent Colorless
T86 Cathode at sprocket hole side(the top)
1
Orange
6
U
8
3
For white LED,
csthode at sprocket hole side
Low Current Type
Red
Milkey White
T87 Anode at sprocket hole side(the top)
Chip LED
1.0x0.6 t=0.2mm
1.6x0.8 t=0.36mm
1.6x0.8 t=0.55mm
4.5x2.0 t=0.6mm
Yellowish green
Black
2.0x1.25 t=0.8mm
Ultra High Brightness type
3.0x2.0 t=1.3mm
3.5x2.8 t=1.9mm
High Brightness type
Yellowish green
Red
Yellow
Yellow
Yellow
Yellow
Cathode at sprocket hole side(the back)
1.6x1.15 t=0.55mm
T68 Cathode at sprocket hole side(the top)
3.4x1.25 t=1.1mm
T86
3.2x1.6 t=1.85mm
Green
1.0x1.0 t=0.2mm
Green
1.3x1.5 t=0.6mm
Green
1.0x1.0 t=0.2mm
Blue
1.5x1.0 t=0.2mm
White
3.5x2.8 t=0.6mm
Phototransistors
Red/Green/Blue
Chip LED
3.0x1.5 t=2.2mm
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
6/10
2017.5 - Rev.006


同様の部品番号 - SML-S13DT

メーカー部品番号データシート部品情報
logo
Rohm
SML-S13DT ROHM-SML-S13DT Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
More results

同様の説明 - SML-S13DT

メーカー部品番号データシート部品情報
logo
Rohm
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
   Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
logo
Agilent(Hewlett-Packard...
HSMA-C540 HP-HSMA-C540 Datasheet
195Kb / 8P
   Oval Lens High Performance Surface Mount LEDs
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
   Surface Mount LEDs
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
   Surface Mount LEDs
logo
List of Unclassifed Man...
SML-310VT ETC1-SML-310VT Datasheet
106Kb / 2P
   LEDs, Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com