データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-Z14UT データシート(PDF) 10 Page - Rohm

部品番号 SML-Z14UT
部品情報  High brightness
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14UT データシート(HTML) 10 Page - Rohm

Back Button SML-Z14UT Datasheet HTML 4Page - Rohm SML-Z14UT Datasheet HTML 5Page - Rohm SML-Z14UT Datasheet HTML 6Page - Rohm SML-Z14UT Datasheet HTML 7Page - Rohm SML-Z14UT Datasheet HTML 8Page - Rohm SML-Z14UT Datasheet HTML 9Page - Rohm SML-Z14UT Datasheet HTML 10Page - Rohm SML-Z14UT Datasheet HTML 11Page - Rohm SML-Z14UT Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
    
[Data Sheet]
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30℃ within 3 minutes
Heating on PCB pattern, not direct to the
LED. (Fig-1)
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
LED products do not contain reinforcement material such as a glass fillers.
RECOMMENDED CONDITION
Condition ) Temp. of iron top less than
325℃ within 3 sec.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
ITEM
a) Heating method
※Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
please take care of following points.
①SOLDER USED
furnaces vary by customer’s own conditions.
tP
Time for peak temperature
Within 10sec.
ΔTR/Δt
Temperature rising rate
Under 3℃/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3℃/sec.
TL
Reference temperature
230〜250℃
tL
Retention time for TL Within 40sec.
TP
Peak temperature
250℃(Max)
Tsmax
Maximum of pre-heating temperature
180℃
Tsmin
Minimum of pre-heating temperature
140℃
ts
Time from Tsmin to Tsmax
Over 60sec.
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Meanings
Conditions
[SML-Z14x(C) series]
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
4-6.Reflow Profile
Fig-1
SOLDERING IRON
SOLDERING LAND
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
10/10
2017.7 - Rev.005


同様の部品番号 - SML-Z14UT

メーカー部品番号データシート部品情報
logo
Rohm
SML-Z14UT ROHM-SML-Z14UT Datasheet
1Mb / 5P
   High brightness
SML-Z14UT ROHM-SML-Z14UT Datasheet
1Mb / 5P
   High brightness
SML-Z14UT ROHM-SML-Z14UT Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
SML-Z14UT1P ROHM-SML-Z14UT1P Datasheet
1Mb / 5P
   High brightness
SML-Z14UTA ROHM-SML-Z14UTA Datasheet
730Kb / 11P
   20/50mA guaranteed specifications
More results

同様の説明 - SML-Z14UT

メーカー部品番号データシート部品情報
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com