データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-P12WT データシート(PDF) 9 Page - Rohm

部品番号 SML-P12WT
部品情報  Ultra compact, thin size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML-P12WT データシート(HTML) 9 Page - Rohm

Back Button SML-P12WT Datasheet HTML 4Page - Rohm SML-P12WT Datasheet HTML 5Page - Rohm SML-P12WT Datasheet HTML 6Page - Rohm SML-P12WT Datasheet HTML 7Page - Rohm SML-P12WT Datasheet HTML 8Page - Rohm SML-P12WT Datasheet HTML 9Page - Rohm SML-P12WT Datasheet HTML 10Page - Rohm SML-P12WT Datasheet HTML 11Page - Rohm SML-P12WT Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
    
[Data Sheet]
Stress strength according to
he mounting position:
A>B>C>D
so please pay attention to the touch on product.
We recommend the soldering pattern that shows on the right.
It will be different according to mounting situation of circuit board,
therefore, please concern before designing.
※The product has adopted the electrode structure that it should solder
with back electrode of the product.
Thus, please be informed that the shape of electrode pin of
solder fillet formation is not guaranteed.
The through hole on electrode surface is for conduction of front
 and rear electrodes but not for formation of solder fillet.
4―4. Mechanical Stress after Mounting
The mechanical stress may damage the LED after Circuit Mounting,
4-5.Soldering Pattern for Recommendation
to prevent electrostatic charge.
4-3. Mounting Location
The stress like bending stress of circuit board dividing after mounting, may cause LED package crack
or damage of LED internal junction, therefore, please concern the mounting direction and position
 one of its specific characteristics is that solder will penetrate into LED. Thus, there's high possibility
4-2-1. Silicon Resin Sealing Product
The sealing resin of LED is very soft, so please select adsorption nozzle that would not apply stress
4-2-2. Mini Package (Smaller than 1608 size)
・Vibration may result in low mounting rate since it will cause the static electricity of product and
with other parts within the usage limitation after open the moistureproof package.
・Compare with N2 reflow, during air reflow, because of the heat and surrounding conditions,
it may cause the discoloration of the resin.
・For our product that has no solder resist, because of its solder amount and soldering conditions,
4-2. Automatic Mounting
・The product is not guaranteed for flow soldering.
In case of carrying out flow soldering of surrounding parts without recommended conditions, please
contact us for inquiries.
・Please set appropriate reflow temperature based on our product usage conditions and specification.
・The max for reflowing is 2 times, please finish the second reflow soldering and flow soldering
[SML-P12x/P13x series]
4.Mounting
4-1. Soldering
・No resin hardening agent such as filler is used in the sealing resin of the product. Therefore, resin
expansion and moisture absorption at humidity will cause heat stress during soldering process and
・Do not expose the product in the environment of high temperature (over 100℃) or rapid temperature
shift (within 3℃/sec. of temperature gradient) during the flow soldering of surrounding parts.
finally has bad influence on the product’s reliability.
that will influence its reliability.Therefore, please be informed, concerning it before using it.
directly on the sealing section.
adhere to top cover tape. Therefore, the magnet should be set on parts feeder cassette of
the mounter to control the product stabilization. In addition, it is recommended to set ionizer
to avoid bending or screwing with great stress of the circuit board.
0.6mm
0.4mm
0.5mm
0.5mm
PCB Bonding Direction
Mask open area ratio
:80%
Mask thickness
:80〜100μm
Reference
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
9/10
2017.8 - Rev.006


同様の部品番号 - SML-P12WT

メーカー部品番号データシート部品情報
logo
Rohm
SML-P12DT ROHM-SML-P12DT Datasheet
125Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SML-P12DT ROHM-SML-P12DT Datasheet
1Mb / 4P
   Ultra compact
SML-P12DT ROHM-SML-P12DT Datasheet
1Mb / 4P
   SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P12DT ROHM-SML-P12DT Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P12DT ROHM-SML-P12DT Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
More results

同様の説明 - SML-P12WT

メーカー部品番号データシート部品情報
logo
Rohm
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
SML-P12DTT86 ROHM-SML-P12DTT86 Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
   Thin, ultra-compact package
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Rohm
SMLP12HBC7W1 ROHM-SMLP12HBC7W1 Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
   Ultra compact, thin side-view type LED
SML-R1 ROHM-SML-R1 Datasheet
1Mb / 4P
   Ultra compact,thin side-view type LED
RPM973-H16E4A ROHM-RPM973-H16E4A Datasheet
111Kb / 3P
   Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com