データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-P12M2T データシート(PDF) 7 Page - Rohm

部品番号 SML-P12M2T
部品情報  Ultra compact, thin size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML-P12M2T データシート(HTML) 7 Page - Rohm

Back Button SML-P12M2T Datasheet HTML 3Page - Rohm SML-P12M2T Datasheet HTML 4Page - Rohm SML-P12M2T Datasheet HTML 5Page - Rohm SML-P12M2T Datasheet HTML 6Page - Rohm SML-P12M2T Datasheet HTML 7Page - Rohm SML-P12M2T Datasheet HTML 8Page - Rohm SML-P12M2T Datasheet HTML 9Page - Rohm SML-P12M2T Datasheet HTML 10Page - Rohm SML-P12M2T Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
    
[Data Sheet]
1.Storage
If the product is heated during the reflow under the condition of hygroscopic state,
it may vaporize and expand which will influence the performance of the product.
Therefore, the package is waterproof. Please use the product following the conditions:
・Using Conditions
・Baking
Bake the product in case of below:
①The expiration date is passed.
②The color of indicator (silica gel) turned from blue to colorless or from green to pink.
・Baking Conditions
2.Application Methods
2-1.Precaution for Drive System and Off Mode
Design the circuit without the electric load exceeding the ABSOLUTE MAXIMUM RATING that
please do not apply voltage neither forward nor reverse. Especially, for the products with the
Ag-paste used in the die bonding, there’s high possibility to cause electro migration and result
2-2.Derating
 The Derating Characteristics are based on the lifetime of luminous intensity and assumption
of degradation & color change of sealing resin or reflector. About its reliability,
2-3.Operation Life Span
There’s possibility for intensity of light drop according to working conditions and environments
(applied current, surrounding temperature and humidity, corrosive gases), please call our Sales
①Longtime intensity of light life
②On mode all the time
2-4.Applied Stress on Product
No resin hardening agent such as filler is used in the sealing resin of the product.
Therefore, please pay attention to the overstress on it which may influence its reliability.
2-5.Usage
The Product is LED. We are not responsible for the usage as the diode such as Protection Chip,
Classification
①Before using
②After opening
package
Temperature
5〜30℃
5〜30℃
30〜70%RH
Below 70%RH
Humidity
Please storing in the airtight container
with our desiccant (silica gel)
Temperature
60±3℃
Time
12〜24h
Humidity
Below 20%RH
Remark
[SML-P12x/P13x series]
■Precaution (Surface Mount Device)
Expiration Date
Within 1 year
from Receiving
Within 168h
Remark
Storage with waterproof package
・Bake products in reel.
・Reel and embossed tape are easy to be deformed when baking,
・Recommend bake once.
(Even if the product is within the expiration date.)
so please try not to apply stress on it.
applies on the products. If drive by constant voltage, it may cause current deviation of the LED and
result in deviation of luminous intensity, so we recommend to drive by constant current.
(Deviation of VF Value will cause deviation of current in LED.) Furthermore, for off mode,
please evaluate its using conditions and environment and use it after confirmed there is no problem.
in function failure.
staffs for inquiries about the concerned application below.
Rectifier, Switching and so on.
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
7/10
2017.8 - Rev.006


同様の部品番号 - SML-P12M2T

メーカー部品番号データシート部品情報
logo
Rohm
SML-P12MT ROHM-SML-P12MT Datasheet
125Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SML-P12MT ROHM-SML-P12MT Datasheet
1Mb / 4P
   Ultra compact
SML-P12MT ROHM-SML-P12MT Datasheet
1Mb / 4P
   SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P12MT ROHM-SML-P12MT Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P12MT ROHM-SML-P12MT Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
More results

同様の説明 - SML-P12M2T

メーカー部品番号データシート部品情報
logo
Rohm
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
SML-P12DTT86 ROHM-SML-P12DTT86 Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
   Thin, ultra-compact package
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Rohm
SMLP12HBC7W1 ROHM-SMLP12HBC7W1 Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
   Ultra compact, thin side-view type LED
SML-R1 ROHM-SML-R1 Datasheet
1Mb / 4P
   Ultra compact,thin side-view type LED
RPM973-H16E4A ROHM-RPM973-H16E4A Datasheet
111Kb / 3P
   Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com