データシートサーチシステム |
|
GS8672D20BE-550I データシート(PDF) 1 Page - GSI Technology |
|
GS8672D20BE-550I データシート(HTML) 1 Page - GSI Technology |
1 / 30 page 72Mb SigmaQuad-II+TM Burst of 4 ECCRAMTM 633 MHz–400 MHz 1.8 V VDD 1.5 V I/O 165-Bump BGA Commercial Temp Industrial Temp Rev: 1.03c 8/2017 1/30 © 2011, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS8672D20/38BE-633/550/500/450/400 Features • 2.5 Clock Latency • On-Chip ECC with virtually zero SER • Simultaneous Read and Write SigmaQuad™ Interface • JEDEC-standard package • Dual Double Data Rate interface • Byte Write Capability • Burst of 4 Read and Write • On-Die Termination (ODT) on Data (D), Byte Write (BW), and Clock (K, K) outputs • 1.8 V +100/–100 mV core power supply • 1.5 V HSTL Interface • Pipelined read operation • Fully coherent read and write pipelines • ZQ pin for programmable output drive strength • IEEE 1149.1 JTAG-compliant Boundary Scan • Pin-compatible with 36Mb and144Mb devices • 165-bump, 15 mm x 17 mm, 1 mm bump pitch BGA package • RoHS-compliant 165-bump BGA package available SigmaQuad™ ECCRAM Overview The GS8672D20/38BE are built in compliance with the SigmaQuad-II+ ECCRAM pinout standard for Separate I/O synchronous ECCRAMs. They are 75,497,472-bit (72Mb) ECCRAMs. The GS8672D20/38BE SigmaQuad ECCRAMs are just one element in a family of low power, low voltage HSTL I/O ECCRAMs designed to operate at the speeds needed to implement economical high performance networking systems. Clocking and Addressing Schemes The GS8672D20/38BE SigmaQuad-II+ ECCRAMs are synchronous devices. They employ two input register clock inputs, K and K. K and K are independent single-ended clock inputs, not differential inputs to a single differential clock input buffer. Each internal read and write operation in a SigmaQuad-II+ B4 ECCRAM is four times wider than the device I/O bus. An input data bus de-multiplexer is used to accumulate incoming data before it is simultaneously written to the memory array. An output data multiplexer is used to capture the data produced from a single memory array read and then route it to the appropriate output drivers as needed. Therefore the address field of a SigmaQuad-II+ B4 ECCRAM is always two address pins less than the advertised index depth (e.g., the 4M x18 has a 1M addressable index). On-Chip Error Correction Code GSI's ECCRAMs implement an ECC algorithm that detects and corrects all single-bit memory errors, including those induced by Soft Error Rate (SER) events such as cosmic rays, alpha particles. The resulting SER of these devices is anticipated to be <0.002 FITs/Mb — a 5-order-of-magnitude improvement over comparable SRAMs with no On-Chip ECC, which typically have an SER of 200 FITs/Mb or more. SER quoted above is based on reading taken at sea level. However, the On-Chip Error Correction (ECC) will be disabled if a “Half Write” operation is initiated. See the Byte Write Contol section for further information. Parameter Synopsis -633 -550 -500 -450 -400 tKHKH 1.57 ns 1.81 ns 2.0 ns 2.2 ns 2.5 ns tKHQV 0.45 ns 0.45 ns 0.45 ns 0.45 ns 0.45 ns |
同様の部品番号 - GS8672D20BE-550I |
|
同様の説明 - GS8672D20BE-550I |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |