データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7174 データシート(PDF) 11 Page - Analog Devices

部品番号 ADV7174
部品情報  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7174 データシート(HTML) 11 Page - Analog Devices

Back Button ADV7174 Datasheet HTML 7Page - Analog Devices ADV7174 Datasheet HTML 8Page - Analog Devices ADV7174 Datasheet HTML 9Page - Analog Devices ADV7174 Datasheet HTML 10Page - Analog Devices ADV7174 Datasheet HTML 11Page - Analog Devices ADV7174 Datasheet HTML 12Page - Analog Devices ADV7174 Datasheet HTML 13Page - Analog Devices ADV7174 Datasheet HTML 14Page - Analog Devices ADV7174 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 11 of 52
GENERAL DESCRIPTION
The ADV7174/ADV7179 is an integrated digital video encoder
that converts digital CCIR-601 4:2:2 8-bit component video data
into a standard analog baseband television signal compatible
with worldwide standards.
The on-board SSAF (super sub-alias filter) with extended
luminance frequency response and sharp stop-band attenuation
enables studio quality video playback on modern TVs, giving
optimal horizontal line resolution.
An advanced power management circuit enables optimal con-
trol of power consumption in both normal operating modes
and in power-down or sleep modes.
The ADV7174/ADV7179 supports both PAL and NTSC square
pixel operation. The parts incorporate WSS and CGMS-A data
control generation.
The output video frames are synchronized with the incoming
data timing reference codes. Optionally, the encoder accepts
(and can generate) HSYNC, VSYNC, and FIELD timing signals.
These timing signals can be adjusted to change pulse width and
position while the part is in the master mode. The encoder
requires a signal two times the pixel rate (27 MHz) clock for
standard operation. Alternatively, the encoder requires a
24.5454 MHz clock for NTSC or 29.5 MHz clock for PAL
square pixel mode operation. All internal timing is generated
on-chip.
A separate Teletext port enables the user to directly input
Teletext data during the vertical blanking interval.
The ADV7174/ADV7179 modes are set up over a 2-wire serial
bidirectional port (I2 C compatible) with two slave addresses.
The ADV7174/ADV7179 is packaged in a 40-lead 6 mm × 6 mm
LFCSP package.
DATA PATH DESCRIPTION
For PAL B/D/G/H/I/M/N and NTSC M and N modes, YCrCb
4:2:2 data is input via the CCIR-656 compatible pixel port at a
27 MHz data rate. The pixel data is demultiplexed to form three
data paths. Y typically has a range of 16 to 235, and Cr and Cb
typically have a range of 128 ± 112; however, it is possible to
input data from 1 to 254 on both Y, Cb, and Cr. The ADV7174/
ADV7179 supports PAL (B/D/G/H/I/M/N) and NTSC (with
and without pedestal) standards. The appropriate SYNC, BLANK,
and burst levels are added to the YCrCb data. Macrovision Anti-
taping (ADV7174 only), closed-captioning, and Teletext levels
are also added to Y and the resultant data is interpolated to a
rate of 27 MHz. The interpolated data is filtered and scaled by
three digital FIR filters.
The U and V signals are modulated by the appropriate subcarrier
sine/cosine phases and added together to make up the chromi-
nance signal. The luma (Y) signal can be delayed 1–3 luma
cycles (each cycle is 74 ns) with respect to the chroma signal.
The luma and chroma signals are then added together to make
up the composite video signal. All edges are slew rate limited.
The YCrCb data is also used to generate RGB data with
appropriate SYNC and BLANK levels. The RGB data is in
synchronization with the composite video output. Alternatively,
analog YPbPr data can be generated instead of RGB data.
The three l0-bit DACs can be used to output:
Composite Video + Composite Video
S-Video + Composite Video
YPrPb Video
SCART RGB Video
Alternatively, each DAC can be individually powered off if not
required.
Video output levels are illustrated in Appendix 6.
INTERNAL FILTER RESPONSE
The Y filter supports several different frequency responses,
including two low-pass responses, two notch responses, an
extended (SSAF) response, a CIF response, and a QCIF
response. The UV filter supports several different frequency
responses, including four low-pass responses, a CIF response,
and a QCIF response. These can be seen in Table 7 and Table 8
and Figure 6 to Figure 18.


同様の部品番号 - ADV7174

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7174 AD-ADV7174 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results

同様の説明 - ADV7174

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
ADV7170 AD-ADV7170 Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
logo
Intersil Corporation
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
   ADVANCED PAL/NTSC ENCODER
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
   NTSC/PAL Video Encoder
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com