データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS8180QV36BGD-167I データシート(PDF) 10 Page - GSI Technology

部品番号 GS8180QV36BGD-167I
部品情報  18Mb Burst of 2 SigmaQuad SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8180QV36BGD-167I データシート(HTML) 10 Page - GSI Technology

Back Button GS8180QV36BGD-167I Datasheet HTML 6Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 7Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 8Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 9Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 10Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 11Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 12Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 13Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
GS8180QV18/36BD-200/167
Rev: 1.02b 11/2011
10/28
© 2007, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
FLXDrive-II Output Driver Impedance Control
HSTL I/O SigmaQuad-II SRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to
VSS via an external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be
5X the value of the desired RAM output impedance. The allowable range of RQ to guarantee impedance matching continuously is
between 150
Ω and 300Ω. Periodic readjustment of the output driver impedance is necessary as the impedance is affected by drifts
in supply voltage and temperature. The SRAM’s output impedance circuitry compensates for drifts in supply voltage and
temperature. A clock cycle counter periodically triggers an impedance evaluation, resets and counts again. Each impedance
evaluation may move the output driver impedance level one step at a time towards the optimum level. The output driver is
implemented with discrete binary weighted impedance steps.
Burst of 2 Coherency and Pass Through Functions
Because the Burst of 2 read and write commands are loaded at the same time, there may be some confusion over what constitutes
“coherent” operation. Normally, one would expect a RAM to produce the just-written data when it is read immediately after a
write. This is true of the Burst of 2 except in one case, as is illustrated in the following diagram. If the user holds the same address
value in a given K clock cycle, loading the same address as a read address and then as a matching write address, the Burst of 2 will
read or “Pass-thru” the latest data input, rather than the data from the previously completed write operation.
Burst of 2 Coherency and Pass Through Functions


同様の部品番号 - GS8180QV36BGD-167I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8180QV36BGD-167 GSI-GS8180QV36BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results

同様の説明 - GS8180QV36BGD-167I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200 GSI-GS8180QV18BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167I GSI-GS8180QV18BGD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167I GSI-GS8180QV18BD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-200 GSI-GS8180QV18BGD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18D GSI-GS8180QV18D Datasheet
778Kb / 32P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180Q18D GSI-GS8180Q18D Datasheet
777Kb / 32P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV36BGD-200 GSI-GS8180QV36BGD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com