データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS8662Q10BD-250 データシート(PDF) 6 Page - GSI Technology

部品番号 GS8662Q10BD-250
部品情報  72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662Q10BD-250 データシート(HTML) 6 Page - GSI Technology

Back Button GS8662Q10BD-250 Datasheet HTML 2Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 3Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 4Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 5Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 6Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 7Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 8Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 9Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
R
Synchronous Read
Input
Active Low
W
Synchronous Write
Input
Active Low
BW0–BW3
Synchronous Byte Writes
Input
Active Low
NW0–NW1
Synchronous Nybble Writes
Input
Active Low
(x8 only)
K
Input Clock
Input
Active High
K
Input Clock
Input
Active Low
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
Qn
Synchronous Data Outputs
Output
Dn
Synchronous Data Inputs
Input
Doff
Disable DLL when low
Input
Active Low
CQ
Output Echo Clock
Output
CQ
Output Echo Clock
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.8 V or 1.5 V Nominal
VSS
Power Supply: Ground
Supply
QVLD
Q Valid Output
Output
ODT
On-Die Termination
Input
Active High
NC
No Connect
GS8662Q07/10/19/37BD-357/333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02c 8/2017
6/28
© 2011, GSI Technology
Notes:
1. NC = Not Connected to die or any other pin
2. When ZQ pin is directly connected to VDDQ, output impedance is set to minimum value and it cannot be connected to ground or left
unconnected.
3. K and K cannot be set to VREF voltage.


同様の部品番号 - GS8662Q10BD-250

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8662Q10BD-250I GSI-GS8662Q10BD-250I Datasheet
502Kb / 28P
   Dual Double Data Rate interface
More results

同様の説明 - GS8662Q10BD-250

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8662Q10BGD-300I GSI-GS8662Q10BGD-300I Datasheet
502Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662D38BD-550 GSI-GS8662D38BD-550 Datasheet
556Kb / 33P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT10BGD-333I GSI-GS8662DT10BGD-333I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT37BD-300I GSI-GS8662DT37BD-300I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT37BGD-333I GSI-GS8662DT37BGD-333I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT38BD-500I GSI-GS8662DT38BD-500I Datasheet
556Kb / 33P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662D10BD-400I GSI-GS8662D10BD-400I Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8672D38BGE-400 GSI-GS8672D38BGE-400 Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM72Mb SigmaQuad-IITM
GS8662D19BD-300I GSI-GS8662D19BD-300I Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D07BD-350 GSI-GS8662D07BD-350 Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com