データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M40E-68A005RA0 データシート(PDF) 2 Page - SICK AG

部品番号 M40E-68A005RA0
部品情報  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SICK [SICK AG]
ホームページ  http://www.sick.com/
Logo SICK - SICK AG

M40E-68A005RA0 データシート(HTML) 2 Page - SICK AG

  M40E-68A005RA0 Datasheet HTML 1Page - SICK AG M40E-68A005RA0 Datasheet HTML 2Page - SICK AG M40E-68A005RA0 Datasheet HTML 3Page - SICK AG M40E-68A005RA0 Datasheet HTML 4Page - SICK AG M40E-68A005RA0 Datasheet HTML 5Page - SICK AG M40E-68A005RA0 Datasheet HTML 6Page - SICK AG M40E-68A005RA0 Datasheet HTML 7Page - SICK AG M40E-68A005RA0 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
M40S-68A005AA0, M40E-68A005RA0 | M4000 Area
MULTIPLE LIGHT BEAM SAFETY DEVICES
Ordering information
System part
Type
Part no.
Sender
M40S-68A005AA0
1200850
Receiver
M40E-68A005RA0
1200849
Other models and accessories
www.sick.com/M4000_Area
Detailed technical data
Features
Scanning range
0.5 m ... 19 m, configurable
Low scanning range
0.5 m ... 6 m
Great scanning range
5 m ... 19 m
Length of the monitored area
1,500 mm
Resolution
60 mm
Response time
17 ms
Synchronization
Optical synchronisation
Safety-related parameters
Type
Type 4 (IEC 61496)
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
1.4 * E-08 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
Functions
Functions
Delivery status
Restart interlock
Internal
External device monitoring (EDM)
Activated
Beam coding
Uncoded
Sender test
Deactivated
Configurable scanning range
0.5 m ... 6 m
Configurable application diagnostic output
Contamination (OWS)
Safe SICK device communication via EFI
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-24 18:11:25
Subject to change without notice


同様の部品番号 - M40E-68A005RA0

メーカー部品番号データシート部品情報
logo
SICK AG
M40E-68A105RA0 SICK-M40E-68A105RA0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

同様の説明 - M40E-68A005RA0

メーカー部品番号データシート部品情報
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com