データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF244C データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 BF244C
部品情報  N-Channel RF Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BF244C データシート(HTML) 2 Page - Fairchild Semiconductor

  BF244C Datasheet HTML 1Page - Fairchild Semiconductor BF244C Datasheet HTML 2Page - Fairchild Semiconductor BF244C Datasheet HTML 3Page - Fairchild Semiconductor BF244C Datasheet HTML 4Page - Fairchild Semiconductor BF244C Datasheet HTML 5Page - Fairchild Semiconductor BF244C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
ON CHARACTERISTICS
IDSS
Zero-Gate Voltage Drain Current
VDS = 15 V, VGS = 0
244A
244B
244C
2.0
6.0
12
6.5
15
25
mA
mA
mA
SMALL SIGNAL CHARACTERISTICS
yfs
Forward Transfer Admittance
VDS = 15 V, VGS = 0, f = 1.0 kHz
VDS = 15 V, VGS = 0, f = 200 MHz
3.0
5.6
6.5
mmhos
mmhos
yos
Output Admittance
VDS = 15 V, VGS = 0, f = 1.0 kHz
40
µmhos
yrs
Reverse Transfer Admittance
VDS = 15 V, VGS = 0, f = 200 MHz
1.0
µmhos
Ciss
Input Capacitance
VDS = 20 V, VGS = - 1.0 V
3.0
pF
Crss
Reverse Transfer Capacitance
VDS = 20 V, VGS = - 1.0 V,
f = 1.0 MHz
0.7
pF
Coss
Output Capacitance
VDS = 20 V, VGS = - 1.0 V,
f = 1.0 MHz
0.9
pF
NF
Noise Figure
VDS = 15 V, VGS = 0, RG = 1.0 k
Ω,
f = 100 MHz
1.5
dB
F(Yfs)
Cut-Off Frequency
VDS = 15 V, VGS = 0
700
MHz
Typical Characteristics
V(BR)GSS
Gate-Source Breakdown Voltage
IG = 1.0
µA, VDS = 0
30
V
IGSS
Gate Reverse Current
VGS = - 20 V, VDS = 0
5.0
nA
VGSS(off)
Gate-Source Cutoff Voltage
VDS = 15 V, ID = 10 nA
- 0.5
- 8.0
V
VGS
Gate-Source Voltage
VDS = 15 V, ID = 200
µA
244A
244B
244C
- 0.4
- 1.6
- 3.2
- 2.2
- 3.8
- 7.5
V
V
V
Transfer Characteristics
-5
-4
-3
-2
-1
0
0
4
8
12
16
20
V - GATE-SOURCE VOLTAGE(V)
GS(OFF)
V
= -4.5V
V
= 15V
DS
T = +25 C
A
O
-2.5 V
T
= -55 C
O
A
T = +125 C
A
O
T
= -55 C
O
A
T = +25 C
A
O
T = +125 C
A
O
GS
Channel Resistance vs Temperature
-50
0
50
100
150
10
20
30
50
100
200
300
500
1000
T - AMBIENT TEMPERATURE ( C)
V
= -1.0V
GS(OFF)
-2.5 V
-5.0V
-8.0 V
V
= 100mV
DS
V
= 0 V
GS
A
N-Channel RF Amplifier
(continued)


同様の部品番号 - BF244C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BF244C FAIRCHILD-BF244C Datasheet
26Kb / 2P
   N-Channel RF Amplifier
logo
National Semiconductor ...
BF244C NSC-BF244C Datasheet
120Kb / 2P
   JFET PRO ELECTRON SERIES
logo
List of Unclassifed Man...
BF244C ETC1-BF244C Datasheet
213Kb / 4P
   PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
logo
Fairchild Semiconductor
BF244C FAIRCHILD-BF244C Datasheet
79Kb / 6P
   N-Channel RF Amplifier
More results

同様の説明 - BF244C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com