データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1SS420 データシート(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

部品番号 1SS420
部品情報  Silicon Epitaxial Planar Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
ホームページ  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1SS420 データシート(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1SS420 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1SS420 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1SS420 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
1SS420
1SS420
Silicon Epitaxial Planar Schottky Barrier Diode
for high speed switching application
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
35
V
Reverse Voltage
VR
30
V
Average Forward Current
IF(AV)
200
mA
Peak Forward Current
IFM
300
mA
Power Dissipation
Ptot
150
mW
Surge Current (10 ms)
IFSM
1
A
Junction Temperature
Tj
125
O
C
Operating Temperature Range
Topr
- 40 to + 100
O
C
Storage Temperature
Tstg
- 55 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Typ.
Max.
Unit
Forward Voltage
at IF = 200 mA
VF
-
0.6
V
Reverse Current
at VR = 30 V
IR
-
5
µA
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
20
-
pF
Anode
2
Top View
Marking Code: "** "
Simplified outline SOD-523 and symbol
1
**
2
PINNING
1
PIN
Cathode
DESCRIPTION
Alldatasheet


同様の部品番号 - 1SS420

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
1SS420 TOSHIBA-1SS420 Datasheet
148Kb / 3P
   High-Speed Switching Applications
1SS420 TOSHIBA-1SS420 Datasheet
128Kb / 3P
   Silicon Epitaxial Schottky Barrier Type High-Speed Switching Applications
logo
SEMTECH ELECTRONICS LTD...
1SS420 SEMTECH_ELEC-1SS420 Datasheet
130Kb / 1P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
1SS420CT TOSHIBA-1SS420CT Datasheet
147Kb / 3P
   High-Speed Switching Applications
logo
Chenmko Enterprise Co. ...
1SS420PT CHENMKO-1SS420PT Datasheet
78Kb / 2P
   SWITCHING DIODE VOLTAGE 85 Volts CURRENT 0.15 Ampere
More results

同様の説明 - 1SS420

メーカー部品番号データシート部品情報
logo
SEMTECH ELECTRONICS LTD...
SDB720WS SEMTECH_ELEC-SDB720WS Datasheet
172Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WT SEMTECH_ELEC-SDB720WT Datasheet
195Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB425D SEMTECH_ELEC-SB425D Datasheet
119Kb / 1P
   Silicon Epitaxial Planar Schottky Barrier Diode
RB751V-40 SEMTECH_ELEC-RB751V-40 Datasheet
125Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB491D SEMTECH_ELEC-SB491D Datasheet
145Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
RB161L-40 SEMTECH_ELEC-RB161L-40 Datasheet
165Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
SHIKUES Electronics
BAT54XV2 SKTECHNOLGY-BAT54XV2 Datasheet
389Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
RB521S-30 SEMTECH_ELEC-RB521S-30 Datasheet
187Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDA06WS SEMTECH_ELEC-SDA06WS Datasheet
129Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
BAT378W SEMTECH_ELEC-BAT378W Datasheet
167Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
First Silicon Co., Ltd
RB521S-30 FS-RB521S-30 Datasheet
274Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com