データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS8182D08BD-167I データシート(PDF) 9 Page - GSI Technology

部品番号 GS8182D08BD-167I
部品情報  18Mb SigmaQuad-IITM Burst of 4 SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8182D08BD-167I データシート(HTML) 9 Page - GSI Technology

Back Button GS8182D08BD-167I Datasheet HTML 5Page - GSI Technology GS8182D08BD-167I Datasheet HTML 6Page - GSI Technology GS8182D08BD-167I Datasheet HTML 7Page - GSI Technology GS8182D08BD-167I Datasheet HTML 8Page - GSI Technology GS8182D08BD-167I Datasheet HTML 9Page - GSI Technology GS8182D08BD-167I Datasheet HTML 10Page - GSI Technology GS8182D08BD-167I Datasheet HTML 11Page - GSI Technology GS8182D08BD-167I Datasheet HTML 12Page - GSI Technology GS8182D08BD-167I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
GS8182D08/09/18/36BD-400/375/333/300/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03d 11/2011
9/36
© 2007, GSI Technology
Power-Up Sequence for SigmaQuad-II SRAMs
SigmaQuad-II SRAMs must be powered-up in a specific sequence in order to avoid undefined operations.
Power-Up Sequence
1. Power-up and maintain Doff at low state.
1a. Apply VDD.
1b. Apply VDDQ.
1c. Apply VREF (may also be applied at the same time as VDDQ).
2. After power is achieved and clocks (K, K, C, C) are stablized, change Doff to high.
3. An additional 1024 clock cycles are required to lock the DLL after it has been enabled.
Note:
If you want to tie Doff high with an unstable clock, you must stop the clock for a minimum of 30 ns to reset the DLL after
the clocks become stablized.
DLL Constraints
• The DLL synchronizes to either K or C clock. These clocks should have low phase jitter (tKCVar.)
• The DLL cannot operate at a frequency lower than that specified by the tKHKH maximum specification for the desired
operating clock frequency.
• If the incoming clock is not stablized when DLL is enabled, the DLL may lock on the wrong frequency and cause
undefined errors or failures during the initial stage.
Note:
If the frequency is changed, DLL reset is required. After reset, a minimum of 1024 cycles is required for DLL lock.


同様の部品番号 - GS8182D08BD-167I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8182D08BGD-400 GSI-GS8182D08BGD-400 Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM 18Mb SigmaQuad-IITM
More results

同様の説明 - GS8182D08BD-167I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8182D09BGD-333 GSI-GS8182D09BGD-333 Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182Q18BD-300M GSI-GS8182Q18BD-300M Datasheet
446Kb / 35P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q36BGD-167 GSI-GS8182Q36BGD-167 Datasheet
738Kb / 36P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q09BD-200I GSI-GS8182Q09BD-200I Datasheet
738Kb / 36P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q36BD-167I GSI-GS8182Q36BD-167I Datasheet
738Kb / 36P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8180D18D GSI-GS8180D18D Datasheet
848Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS82582D36E-375 GSI-GS82582D36E-375 Datasheet
529Kb / 30P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS8180DV18D GSI-GS8180DV18D Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS82582D18GE-333I GSI-GS82582D18GE-333I Datasheet
529Kb / 30P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D08BGD-250 GSI-GS8342D08BGD-250 Datasheet
580Kb / 34P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com