データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP020T データシート(PDF) 4 Page - BeRex Corporation

部品番号 BCP020T
部品情報  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEREX [BeRex Corporation]
ホームページ  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP020T データシート(HTML) 4 Page - BeRex Corporation

  BCP020T_15 Datasheet HTML 1Page - BeRex Corporation BCP020T_15 Datasheet HTML 2Page - BeRex Corporation BCP020T_15 Datasheet HTML 3Page - BeRex Corporation BCP020T_15 Datasheet HTML 4Page - BeRex Corporation BCP020T_15 Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCP020T
WIRE BONDING INFORMATION
Follow the wire bonding diagrams recommended by BeRex below to achieve optimum device performance. BeRex
recommends thermo-compression wedge bonding. As a general rule, bonding temperature should be kept to a
maximum of 280°C for no longer than 2 minutes for all bonding wires. Ultrasonic bonding is not recommended.
Using 1 mil. diameter, Au bonding wires.
1. Gate to input transmission line
- Length and Height : 600 µm x 250 µm
- Number of wire(s): 1
2. Drain to output transmission line
- Length and Height : 400 µm x 250 µm
- Number of wire(s) : 1
3. Source to ground plate
- Length and Height : 250 µm x 300 µm
- Number of wire(s) : 4
DIE ATTACH RECOMMENDATIONS:
BeRex recommends the “Eutectic” die attach using Au-Sn (80%-20%) pre-forms. The die attach station must have
accurate temperature control, and the operation should be performed with parts no hotter than 300°C for less
than 10 seconds. An inert forming gas (90% N2-10% H2) or clean, dry N2 should be used.
Use of conductive epoxy (gold or silver filled) may also be acceptable for die-attaching low power devices.
HANDLING PRECAUTIONS:
GaAs FETs are very sensitive to and may be damaged by Electrostatic Discharge (ESD). Therefore, proper ESD
precautions must be taken whenever you are handling these devices. It is critically important that all work
surfaces, and assembly equipment, as well as the operator be properly grounded when handling these devices to
prevent ESD damage.
STORAGE & SHIPPING:
BeRex’s standard chip device shipping package consists of an antistatic “Gel-Pak”, holding the chips, placed inside a
sealed antistatic and moisture barrier bag. This packaging is designed to provide a reasonable measure of
protection from both mechanical and ESD damage.
Chip devices should be stored in a clean, dry Nitrogen gas environment at room temperature until they are
required for assembly. Only open the shipping package or perform die assembly in a work area with a class 10,000
or better clean room environment to prevent contamination of the exposed devices.
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7


同様の部品番号 - BCP020T_15

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BCP020T-70 BEREX-BCP020T-70 Datasheet
805Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 200關m gate)
BCP020T-70 BEREX-BCP020T-70 Datasheet
719Kb / 7P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP020T-70 BEREX-BCP020T-70_15 Datasheet
719Kb / 7P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
More results

同様の説明 - BCP020T_15

メーカー部品番号データシート部品情報
logo
BeRex Corporation
BCP030C BEREX-BCP030C Datasheet
318Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP120C BEREX-BCP120C Datasheet
371Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C Datasheet
326Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030T BEREX-BCP030T Datasheet
622Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T_18 Datasheet
430Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF080T BEREX-BCF080T_18 Datasheet
382Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C_18 Datasheet
336Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080C BEREX-BCP080C_18 Datasheet
337Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C Datasheet
294Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T Datasheet
390Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com