データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G126 データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74AUP1G126
部品情報  Low-Power Single Bus Buffer Gate With 3-State Output
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G126 データシート(HTML) 1 Page - Texas Instruments

  SN74AUP1G126_17 Datasheet HTML 1Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 2Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 3Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 4Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 5Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 6Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 7Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 8Page - Texas Instruments SN74AUP1G126_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
2
OE
A
4
Y
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
SN74AUP1G126
SCES596G – JULY 2004 – REVISED AUGUST 2017
SN74AUP1G126 Low-Power Single Bus Buffer Gate With 3-State Output
1
1 Features
1
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
Available in the Texas Instruments NanoStar™
Package
Low Static-Power Consumption
(ICC = 0.9 µA Maximum)
Low Dynamic-Power Consumption
(Cpd = 4 pF Typical at 3.3 V)
Low Input Capacitance (Ci = 1.5 pF Typical)
Low Noise – Overshoot and Undershoot
<10% of VCC
Input-Disable Feature Allows Floating Input
Conditions
Ioff Supports Partial-Power-Down Mode Operation
Input Hysteresis Allows Slow Input Transition and
Better Switching Noise Immunity at Input
Wide Operating VCC Range of 0.8 V to 3.6 V
Optimized for 3.3-V Operation
3.6-V I/O Tolerant to Support Mixed-Mode Signal
Operation
tpd = 4.6 ns Maximum at 3.3 V
Suitable for Point-to-Point Applications
2 Applications
Audio Dock: Portable
BluRay™ Players and Home Theaters
Personal Digital Assistant (PDA)
Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
Solid-State Drive (SSD): Client and Enterprise
TV: LCD/Digital and High-Definition (HDTV)
Tablet: Enterprise
Wireless Headsets, Keyboards, and Mice
3 Description
The AUP family is TI's premier solution to the
industry's
low-power
needs
in
battery-powered
portable applications. This family assures a very low
static and dynamic power consumption across the
entire VCC range of 0.8 V to 3.6 V, resulting in an
increased battery life. This product also maintains
excellent signal integrity (see AUP – The Lowest-
Power Family and Excellent Signal Integrity ).
This bus buffer gate is a single line driver with a 3-
state output. The output is disabled when the output-
enable (OE) input is low. This device has the input-
disable feature, which allows floating input signals.
To assure the high-impedance state during power up
or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is
determined by the current-sourcing capability of the
driver.
NanoStar™
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs when the device is powered down. This
inhibits current backflow into the device which
prevents damage to the device.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74AUP1G126DRL
SOT-5X3 (5)
1.60 mm × 1.20 mm
SN74AUP1G126DBV
SOT-23 (5)
1.60 mm × 2.90 mm
SN74AUP1G126DCK
SC70 (5)
1.25 mm × 2.00 mm
SN74AUP1G126DRY
SON (6)
1.00 mm × 1.45 mm
SN74AUP1G126DSF
SON (6)
1.00 mm × 1.00 mm
SN74AUP1G126YFP
DSBGA (6)
0.76 mm × 1.16 mm
SN74AUP1G126YZP
DSBGA (5)
0.89 mm × 1.39 mm
SN74AUP1G126DPW(2) X2SON (5)
0.80 mm × 0.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Package preview only
Logic Diagram (Positive Logic)


同様の部品番号 - SN74AUP1G126_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

同様の説明 - SN74AUP1G126_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com