データシートサーチシステム |
|
SN74AUP1G125YZT データシート(PDF) 11 Page - Texas Instruments |
|
SN74AUP1G125YZT データシート(HTML) 11 Page - Texas Instruments |
11 / 46 page 11 SN74AUP1G125 www.ti.com SCES595N – JULY 2004 – REVISED JULY 2017 Product Folder Links: SN74AUP1G125 Submit Documentation Feedback Copyright © 2004–2017, Texas Instruments Incorporated 6.10 Switching Characteristics, CL = 30 pF over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 2 and Figure 3) PARAMETER FROM (INPUT) TO (OUTPUT) VCC TA MIN TYP MAX UNIT tpd A or B Y 0.8 V TA = 25°C 29 ns 1.2 V ± 0.1 V TA = 25°C 7.4 12 18.7 TA = –40°C to +85°C 6.6 21.4 1.5 V ± 0.1 V TA = 25°C 5.7 8.6 12.5 TA = –40°C to +85°C 4.9 14.7 1.8 V ± 0.15 V TA = 25°C 4.8 6.9 10.1 TA = –40°C to +85°C 3.1 12 2.5 V ± 0.2 V TA = 25°C 3.9 5.1 7.2 TA = –40°C to +85°C 3.3 8.7 3.3 V ± 0.3 V TA = 25°C 3.5 4.8 6 TA = –40°C to +85°C 3 7 ten OE Y 0.8 V TA = 25°C 33.4 ns 1.2 V ± 0.1 V TA = 25°C 8.8 14.1 21.8 TA = –40°C to +85°C 7.4 25.5 1.5 V ± 0.1 V TA = 25°C 6.9 10.1 14.6 TA = –40°C to +85°C 5.6 17.4 1.8 V ± 0.15 V TA = 25°C 5.6 8.1 12 TA = –40°C to +85°C 4.7 14.1 2.5 V ± 0.2 V TA = 25°C 4.3 6.1 8.5 TA = –40°C to +85°C 3.8 10 3.3 V ± 0.3 V TA = 25°C 3.7 5.2 7.1 TA = –40°C to +85°C 3.4 8.3 tdis OE Y 0.8 V TA = 25°C 17.7 ns 1.2 V ± 0.1 V TA = 25°C 5.8 10 16 TA = –40°C to +85°C 3.7 16 1.5 V ± 0.1 V TA = 25°C 5.7 7.7 10.9 TA = –40°C to +85°C 1 10.7 1.8 V ± 0.15 V TA = 25°C 4.5 7.7 9.8 TA = –40°C to +85°C 4.4 12.5 2.5 V ± 0.2 V TA = 25°C 3.9 5.6 7.4 TA = –40°C to +85°C 3.2 9 3.3 V ± 0.3 V TA = 25°C 3.3 8.4 10.7 TA = –40°C to +85°C 6.6 10.8 |
同様の部品番号 - SN74AUP1G125YZT |
|
同様の説明 - SN74AUP1G125YZT |