データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3LXRBFABFQ1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TDA3LXRBFABFQ1
部品情報  SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
Download  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TDA3LXRBFABFQ1 データシート(HTML) 3 Page - Texas Instruments

  TDA3LXRBFABFQ1 Datasheet HTML 1Page - Texas Instruments TDA3LXRBFABFQ1 Datasheet HTML 2Page - Texas Instruments TDA3LXRBFABFQ1 Datasheet HTML 3Page - Texas Instruments TDA3LXRBFABFQ1 Datasheet HTML 4Page - Texas Instruments TDA3LXRBFABFQ1 Datasheet HTML 5Page - Texas Instruments TDA3LXRBFABFQ1 Datasheet HTML 6Page - Texas Instruments TDA3LXRBFABFQ1 Datasheet HTML 7Page - Texas Instruments TDA3LXRBFABFQ1 Datasheet HTML 8Page - Texas Instruments TDA3LXRBFABFQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 256 page
background image
SPRS916_Intro_001
JTAG
PLLs
OSC
Clock Comparator (7xDCC)
Error Handler (ESM)
TESOC (LBIST/PBIST)
1x CRC
5x RTI
Memory Controllers
GPMC 8b/16b
with up to 16b ECC
LPDDR2 / DDR2/
DDR3 / DDR3L
32b with 8b ECC
Timer x8
Mailbox/Spinlock
10-bit ADC
Control Module
Safety
EDMA
GPIO x4
PWMSSx1
MMUx1
PRCM
System
I2C x2
SPI x4
QSPI x1
SDIO x1
DCAN with ECC
UART x3
McASP x3
Serial Interfaces
GMAC
Connectivity
EDMA 2TC
L2
256KB
Cache
C66x
L1D 32KB
L1P 32KB
DSP Subsystem x2
Video Input Port
CAL
LVDSRX
CSI2
ISP
Video Front End
up to 512KB RAM
with ECC
IPU with ECC
Dual Cortex M4
32KB ROM
EVE 16MAC
EDMA 2TC
Vision
Accelerator
OSD
Resizing
CSC
SD-DAC
DVOUT
Display
Subsystem
Interconnect
TDA3x
Copyright © 2016, Texas Instruments Incorporated
MCAN(CAN-FD)
with ECC
3
TDA3MV, TDA3MA
TDA3LX, TDA3LA
www.ti.com
SPRS964C – JUNE 2016 – REVISED JULY 2017
Submit Documentation Feedback
Product Folder Links: TDA3MV TDA3MA TDA3LX TDA3LA
Device Overview
Copyright © 2016–2017, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 is functional block diagram of the superset.
Figure 1-1. TDA3x Block Diagram


同様の部品番号 - TDA3LXRBFABFQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TDA3LXRBFABFQ1 TI1-TDA3LXRBFABFQ1 Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LXRBFABFQ1 TI1-TDA3LXRBFABFQ1 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LXRBFABFQ1 TI1-TDA3LXRBFABFQ1 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LXRBFABFQ1 TI1-TDA3LXRBFABFQ1 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3LXRBFABFQ1 TI1-TDA3LXRBFABFQ1 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results

同様の説明 - TDA3LXRBFABFQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com