データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3MADBABFRQ1 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TDA3MADBABFRQ1
部品情報  SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
Download  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TDA3MADBABFRQ1 データシート(HTML) 2 Page - Texas Instruments

  TDA3MADBABFRQ1 Datasheet HTML 1Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 2Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 3Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 4Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 5Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 6Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 7Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 8Page - Texas Instruments TDA3MADBABFRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 256 page
background image
2
TDA3MV, TDA3MA
TDA3LX, TDA3LA
SPRS964C – JUNE 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA3MV TDA3MA TDA3LX TDA3LA
Device Overview
Copyright © 2016–2017, Texas Instruments Incorporated
1.2
Applications
Mono, Stereo or Tri-Optic Front Camera
Object Detection
Pedestrian Detection
Traffic Sign Recognition
Lane Detection and Departure Warning
Automatic Emergency Braking
Adaptive Cruise Control
Forward Collision Warning
High Beam Assist
LVDS or Ethernet Surround View
2D surround view
3D surround view
Rear object detection
Parking assist
Pedestrian Detection
Lane tracking
Drive Recording
Sensor Fusion – Vision, Radar, Ultrasonic, Lidar
sensors
Object data fusion
Raw data fusion
1.3
Description
TI’s TDA3x System-on-Chip (SoC) is a highly optimized and scalable family of devices designed to meet
the requirements of leading Advanced Driver Assistance Systems (ADAS). The TDA3x family enables
broad ADAS applications in automobiles by integrating an optimal mix of performance, low power, smaller
form factor and ADAS vision analytics processing that aims to facilitate a more autonomous and collision-
free driving experience.
The TDA3x SoC enables sophisticated embedded vision technology in today’s automobile by enabling the
industry’s broadest range of ADAS applications including front camera, rear camera, surround view, radar,
and fusion on a single architecture.
The TDA3x SoC incorporates a heterogeneous, scalable architecture that includes a mix of TI’s fixed and
floating-point TMS320C66x digital signal processor (DSP) generation cores, Vision AccelerationPac
(EVE), and dual-Cortex-M4 processors. The device allows low power profile in different package options
(including Package-On-Package) to enable small form factor designs. TDA3x SoC also integrates a host
of peripherals including multi-camera interfaces (both parallel and serial) for LVDS-based surround view
systems, displays, CAN and GigB Ethernet AVB.
The Vision AccelerationPac for this family of products includes embedded vision engine (EVE) offloading
the vision analytics functionality from the application processor while also reducing the power footprint.
The Vision AccelerationPac is optimized for vision processing with a 32-bit RISC core for efficient program
execution and a vector coprocessor for specialized vision processing.
Additionally, Texas Instruments provides a complete set of development tools for the ARM, DSP, and EVE
coprocessor, including C compilers, a DSP assembly optimizer to simplify programming and scheduling,
and a debugging interface for visibility into source code execution.
The TDA3x ADAS processor is qualified according to AEC-Q100 standard.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
TDA3x
S-PBGA (367)
15.0 mm × 15.0 mm


同様の部品番号 - TDA3MADBABFRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TDA3MADBABFRQ1 TI1-TDA3MADBABFRQ1 Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MADBABFRQ1 TI1-TDA3MADBABFRQ1 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MADBABFRQ1 TI1-TDA3MADBABFRQ1 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MADBABFRQ1 TI1-TDA3MADBABFRQ1 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MADBABFRQ1 TI1-TDA3MADBABFRQ1 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results

同様の説明 - TDA3MADBABFRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com