データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G79YZP データシート(PDF) 10 Page - Texas Instruments

部品番号 SN74AUP1G79YZP
部品情報  SN74AUP1G79 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G79YZP データシート(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G79YZP Datasheet HTML 6Page - Texas Instruments SN74AUP1G79YZP Datasheet HTML 7Page - Texas Instruments SN74AUP1G79YZP Datasheet HTML 8Page - Texas Instruments SN74AUP1G79YZP Datasheet HTML 9Page - Texas Instruments SN74AUP1G79YZP Datasheet HTML 10Page - Texas Instruments SN74AUP1G79YZP Datasheet HTML 11Page - Texas Instruments SN74AUP1G79YZP Datasheet HTML 12Page - Texas Instruments SN74AUP1G79YZP Datasheet HTML 13Page - Texas Instruments SN74AUP1G79YZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
10
SN74AUP1G79
SCES592I – JULY 2004 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: SN74AUP1G79
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Switching Characteristics: CL = 10 pF (continued)
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
CLK
Q
VCC = 0.8 V
TA = 25°C
18
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
4.3
7.8
12.3
TA = –40°C to +85°C
3.2
14.4
VCC = 1.5 V ± 0.1 V
TA = 25°C
3.5
5.5
8.4
TA = –40°C to +85°C
2.5
9.8
VCC = 1.8 V ± 0.15 V
TA = 25°C
2.8
4.4
6.8
TA = –40°C to +85°C
1.9
8
VCC = 2.5 V ± 0.2 V
TA = 25°C
2.2
3.2
5
TA = –40°C to +85°C
1.5
5.7
VCC = 3.3 V ± 0.3 V
TA = 25°C
1.8
2.6
4.1
TA = –40°C to +85°C
1.3
4.5
6.10 Switching Characteristics: CL = 15 pF
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
VCC = 0.8 V
TA = 25°C
48
MHz
TA = –40°C to +85°C
30
VCC = 1.2 V ± 0.1 V
TA = 25°C
112
TA = –40°C to +85°C
120
VCC = 1.5 V ± 0.1 V
TA = 25°C
151
TA = –40°C to +85°C
160
VCC = 1.8 V ± 0.15 V
TA = 25°C
194
TA = –40°C to +85°C
220
VCC = 2.5 V ± 0.2 V
TA = 25°C
248
TA = –40°C to +85°C
250
VCC = 3.3 V ± 0.3 V
TA = 25°C
280
TA = –40°C to +85°C
260
tpd
CLK
Q
VCC = 0.8 V
TA = 25°C
20.3
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
5
8.7
13.6
TA = –40°C to +85°C
3.9
15.6
VCC = 1.5 V ± 0.1 V
TA = 25°C
4.1
6.3
9.3
TA = –40°C to +85°C
3.1
10.7
VCC = 1.8 V ± 0.15 V
TA = 25°C
3.3
4
7.6
TA = –40°C to +85°C
2.4
8.7
VCC = 2.5 V ± 0.2 V
TA = 25°C
2.6
3.6
5.5
TA = –40°C to +85°C
1.9
6.3
VCC = 3.3 V ± 0.3 V
TA = 25°C
2.2
3
4.5
TA = –40°C to +85°C
1.6
5


同様の部品番号 - SN74AUP1G79YZP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G79YZPR TI-SN74AUP1G79YZPR Datasheet
266Kb / 15P
[Old version datasheet]   LOW POWER SINGLE POSITIVE EDGE TRIGGERRED D TYPE FLIP FLOP
SN74AUP1G79YZPR TI-SN74AUP1G79YZPR Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79YZPR TI-SN74AUP1G79YZPR Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79YZPR TI1-SN74AUP1G79YZPR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

同様の説明 - SN74AUP1G79YZP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com