データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3136D2 データシート(PDF) 3 Page - Texas Instruments

部品番号 TPA3136D2
部品情報  10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3136D2 データシート(HTML) 3 Page - Texas Instruments

  TPA3136D2_17 Datasheet HTML 1Page - Texas Instruments TPA3136D2_17 Datasheet HTML 2Page - Texas Instruments TPA3136D2_17 Datasheet HTML 3Page - Texas Instruments TPA3136D2_17 Datasheet HTML 4Page - Texas Instruments TPA3136D2_17 Datasheet HTML 5Page - Texas Instruments TPA3136D2_17 Datasheet HTML 6Page - Texas Instruments TPA3136D2_17 Datasheet HTML 7Page - Texas Instruments TPA3136D2_17 Datasheet HTML 8Page - Texas Instruments TPA3136D2_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Thermal
Pad
13
14
1
2
3
4
5
6
7
8
9
10
11
12
OUTPL
PVCC
OUTNR
OUTPR
GND
PVCC
BSPR
PVCC
PVCC
OUTNL
BSNL
BSPL
GND
BSNR
LINP
/FAULT
PBTL
RINP
RINN
PLIMIT
NC
NC
AVCC
LINN
/SD
GVDD
GND
NC
27
28
25
26
23
24
21
22
19
20
17
18
15
16
3
TPA3136D2, TPA3136AD2
www.ti.com
SLOS938D – MAY 2016 – REVISED MARCH 2017
Product Folder Links: TPA3136D2 TPA3136AD2
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE NAME
DESCRIPTION
TPA3110D2
15-W Filter-Free Class-D Stereo Amplifier with
SpeakerGuard™
TPA3140D2
10-W Inductor-Free Class-D Stereo Amplifier
with Ultra Low EMI and AGL
(1)
I = Input, O = Output, P = Power
6 Pin Configuration and Functions
PWP Package
28-Pin HTSSOP
(Top View)
Pin Functions
PIN
I/O/P(1)
DESCRIPTION
NAME
NUMBER
SD
1
I
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels
with compliance to AVCC.
FAULT
2
O
Open drain output used to display short circuit or dc detect fault status. Voltage compliant to AVCC.
Short circuit faults can be set to auto-recovery by connecting FAULT pin to SD pin. Otherwise, both
short circuit faults and dc detect faults must be reset by cycling PVCC.
LINP
3
I
Positive audio input for left channel. Biased at 3 V.
LINN
4
I
Negative audio input for left channel. Biased at 3 V.
NC
5, 6, 13
I
No Connect Pin. Can be shorted to PVCC or shorted to GND or left open.
AVCC
7
P
Analog supply
GND
8
P
Analog signal ground.
GVDD
9
O
High-side FET gate drive supply. Nominal voltage is 7 V.
PLIMIT
10
I
Power Limiter Control pin
RINN
11
I
Negative audio input for right channel. Biased at 3 V.
RINP
12
I
Positive audio input for right channel. Biased at 3 V.


同様の部品番号 - TPA3136D2_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3136D2PWP TI1-TPA3136D2PWP Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2PWPR TI1-TPA3136D2PWPR Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
More results

同様の説明 - TPA3136D2_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Eutech Microelectronics...
EUA2380 EUTECH-EUA2380 Datasheet
98Kb / 1P
   10-W Inductor Free Stereo Audio Amplifier with Low EMI
logo
Texas Instruments
TPA3138D2 TI1-TPA3138D2 Datasheet
970Kb / 35P
[Old version datasheet]   10-W, 3.5-V to 14.4-V, Inductor Less, Analog Input, Stereo, Class-D Audio Amplifier with Ultra Low EMI
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com