データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2595xxDSG データシート(PDF) 4 Page - Texas Instruments

部品番号 TPS2595xxDSG
部品情報  TPS2595x, 2.7V-18V, 4-A, 34-m(ohm) eFuse With Overvoltage Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2595xxDSG データシート(HTML) 4 Page - Texas Instruments

  TPS2595xxDSG Datasheet HTML 1Page - Texas Instruments TPS2595xxDSG Datasheet HTML 2Page - Texas Instruments TPS2595xxDSG Datasheet HTML 3Page - Texas Instruments TPS2595xxDSG Datasheet HTML 4Page - Texas Instruments TPS2595xxDSG Datasheet HTML 5Page - Texas Instruments TPS2595xxDSG Datasheet HTML 6Page - Texas Instruments TPS2595xxDSG Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
TPS2595x
SLVSE79A – JUNE 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TPS2595x
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.


同様の部品番号 - TPS2595xxDSG

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2595XXDSG TI1-TPS2595XXDSG Datasheet
5Mb / 48P
[Old version datasheet]   2.7 V to 18 V, 4-A, 34-m(ohm) eFuse With Fast Overvoltage Protection
More results

同様の説明 - TPS2595xxDSG

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2595 TI1-TPS2595 Datasheet
5Mb / 48P
[Old version datasheet]   2.7 V to 18 V, 4-A, 34-m(ohm) eFuse With Fast Overvoltage Protection
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
List of Unclassifed Man...
PT3911 ETC2-PT3911 Datasheet
335Kb / 1P
   2.7V~18V operation
PT3907 ETC2-PT3907 Datasheet
391Kb / 1P
   2.7V~18V operation
logo
Texas Instruments
TPS2596 TI1-TPS2596 Datasheet
3Mb / 39P
[Old version datasheet]   2.7 to 19 V, 0.13 to 2-A, 85-m廓 eFuse With Accurate Current Monitor and Fast Overvoltage Protection
TPS2596 TI1-TPS2596_V01 Datasheet
3Mb / 39P
[Old version datasheet]   TPS2596 2.7 to 19 V, 0.13 to 2-A, 85-m廓 eFuse With Accurate Current Monitor and Fast Overvoltage Protection
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Diotec Semiconductor
F11K120 DIOTEC-F11K120_15 Datasheet
121Kb / 2P
   Rectifier with Overvoltage Protection
logo
Active-Semi, Inc
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
logo
Diotec Semiconductor
KT20A120 DIOTEC-KT20A120_15 Datasheet
150Kb / 2P
   Rectifier with Overvoltage protection
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com