データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7449152066 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7449152066
部品情報  WE-ACHC High current air coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7449152066 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7449152066 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7449152066 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7449152066 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7449152066 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7449152066 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7449152066 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate
Max. Ramp Down Rate
Profile Feature
Value
Preheat Temperature Min
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
see table below
Time within 5°C of actual peak temperaure
t p
20 - 30 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
Classification Reflow Soldering Profile:
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Package Classification Reflow Temperature:
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JoMa
DIN ISO 2768-1m
DESCRIPTION
WE-ACHC High current air coil
ORDER CODE
7449152066
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1212
001.000
Valid
2017-01-26
eiSos
4/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 7449152066

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7449152022 WURTH-7449152022 Datasheet
340Kb / 6P
   WE-ACHC High current air coil
7449152042 WURTH-7449152042 Datasheet
341Kb / 6P
   WE-ACHC High current air coil
7449152090 WURTH-7449152090 Datasheet
342Kb / 6P
   WE-ACHC High current air coil
More results

同様の説明 - 7449152066

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7449150079 WURTH-7449150079 Datasheet
341Kb / 6P
   WE-ACHC High current air coil
7449152022 WURTH-7449152022 Datasheet
340Kb / 6P
   WE-ACHC High current air coil
7449150046 WURTH-7449150046 Datasheet
341Kb / 6P
   WE-ACHC High current air coil
7449150111 WURTH-7449150111 Datasheet
342Kb / 6P
   WE-ACHC High current air coil
7449152090 WURTH-7449152090 Datasheet
342Kb / 6P
   WE-ACHC High current air coil
7449150023 WURTH-7449150023 Datasheet
340Kb / 6P
   WE-ACHC High current air coil
7449150146 WURTH-7449150146 Datasheet
343Kb / 6P
   WE-ACHC High current air coil
7449152042 WURTH-7449152042 Datasheet
341Kb / 6P
   WE-ACHC High current air coil
7449152111 WURTH-7449152111 Datasheet
369Kb / 6P
   WE-AC HC High current air coil
002.000
744912122 WURTH-744912122 Datasheet
1Mb / 6P
   WE-CAIR Air coil
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com