データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD103AWT データシート(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

部品番号 SD103AWT
部品情報  Surface Mount Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
ホームページ  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SD103AWT データシート(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SD103AWT Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SD103AWT Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SD103AWT Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103AWT...SD103CWT
Surface Mount Schottky Barrier Diodes
Features
• Low Forward Voltage
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
SD103AWT
SD103BWT
SD103CWT
VRRM
40
30
20
V
Reverse Voltage
SD103AWT
SD103BWT
SD103CWT
VR
40
30
20
V
Average Forward Rectified Current
IF(AV)
350
mA
Non-Repetitive Peak Forward Surge Current at t = 1 s
IFSM
2
A
Power Dissipation
Ptot
200
mW
Operating and Storage Temperature Range
Tj, Tstg
- 65 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
at IR
SD103BWT
SD103CWT
V
40
30
20
-
-
-
-
-
-
V
Reverse Leakage Current
at VR
at VR = 20 V
SD103BWT
at VR = 10 V
SD103CWT
I
-
-
-
-
-
-
5
5
5
µA
Forward Voltage
at IF = 20 mA
at IF = 200 mA
VF
-
-
-
-
0.37
0.6
V
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
-
50
-
pF
Reverse Recovery Time
at IF = IR = 200 mA, Irr = 0.1 IR, RL = 100 Ω
trr
-
10
-
ns
(BR)R
R
PINNING
1
2
 
 
 
Top View
Marking Code: " "
Simplified outline SOD-523 and symbol
 
 
 
 
PIN
DESCRIPTION
1
Cathode
2
Anode
=10uA
SD103AWT
=30V
SD103AWT
S4
S4


同様の部品番号 - SD103AWT

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SD103AW MCC-SD103AW Datasheet
206Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
GUANGDONG HOTTECH INDUS...
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
   Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
SD103AW BILIN-SD103AW Datasheet
148Kb / 3P
   Schottky Barrier Diode
logo
SHENZHEN SLS TECHNOLOGY...
SD103AW SHENZHENSLS-SD103AW Datasheet
466Kb / 2P
   Plastic-Encapsulate Diodes
More results

同様の説明 - SD103AWT

メーカー部品番号データシート部品情報
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com