データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMDJ6.0A データシート(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

部品番号 SMDJ6.0A
部品情報  5.0-170 Volts Peak pulse power: 3000 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
ホームページ  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SMDJ6.0A データシート(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SMDJ6.0A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ6.0A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ6.0A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ6.0A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ6.0A Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TA=25℃
)
Part
Number
(Uni)
Part
Number
(Bi)
Marking
Reverse
Stand off
Voltage
V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage V
C
@ I
pp
(V)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R
@ V
R
(μA)
Agency
Approval
UNI
BI
MIN
MAX
SMDJ5.0A
SMDJ5.0CA
RDE
DDE
5.0
6.40
7.00
10
9.2
326.1
800
X
SMDJ6.0A
SMDJ6.0CA
RDG
DDG
6.0
6.67
7.37
10
10.3
291.3
800
X
SMDJ6.5A
SMDJ6.5CA
RDK
DDK
6.5
7.22
7.98
10
11.2
267.9
500
X
SMDJ7.0A
SMDJ7.0CA
PDM
DDM
7.0
7.78
8.60
10
12.0
250.0
200
X
SMDJ7.5A
SMDJ7.5CA
PDP
DDP
7.5
8.33
9.21
1
12.9
232.6
100
X
SMDJ8.0A
SMDJ8.0CA
PDR
DDR
8.0
8.89
9.83
1
13.6
220.6
50
X
SMDJ8.5A
SMDJ8.5CA
PDT
DDT
8.5
9.44
10.40
1
14.4
208.3
20
X
SMDJ9.0A
SMDJ9.0CA
PDV
DDV
9.0
10.00
11.10
1
15.4
194.8
10
X
SMDJ10A
SMDJ10CA
PDX
DDX
10.0
11.10
12.30
1
17.0
176.5
5
X
SMDJ11A
SMDJ11CA
PDZ
DDZ
11.0
12.20
13.50
1
18.2
164.8
2
X
SMDJ12A
SMDJ12CA
PEE
DEE
12.0
13.30
14.70
1
19.9
150.8
2
X
SMDJ13A
SMDJ13CA
PEG
DEG
13.0
14.40
15.90
1
21.5
139.5
2
X
SMDJ14A
SMDJ14CA
PEK
DEK
14.0
15.60
17.20
1
23.2
129.3
2
X
SMDJ15A
SMDJ15CA
PEM
DEM
15.0
16.70
18.50
1
24.4
123.0
2
X
SMDJ16A
SMDJ16CA
PEP
DEP
16.0
17.80
19.70
1
26.0
115.4
2
X
SMDJ17A
SMDJ17CA
PER
DER
17.0
18.90
20.90
1
27.6
108.7
2
X
SMDJ18A
SMDJ18CA
PET
DET
18.0
20.00
22.10
1
29.2
102.7
2
X
SMDJ20A
SMDJ20CA
PEV
DEV
20.0
22.20
24.50
1
32.4
92.6
2
X
SMDJ22A
SMDJ22CA
PEX
DEX
22.0
24.40
26.90
1
35.5
84.5
2
X
SMDJ24A
SMDJ24CA
PEZ
DEZ
24.0
26.70
29.50
1
38.9
77.1
2
X
SMDJ26A
SMDJ26CA
PFE
DFE
26.0
28.90
31.90
1
42.1
71.3
2
X
SMDJ28A
SMDJ28CA
PFG
DFG
28.0
31.10
34.40
1
45.4
66.1
2
X
SMDJ30A
SMDJ30CA
PFK
DFK
30.0
33.30
36.80
1
48.4
62.0
2
X
SMDJ33A
SMDJ33CA
PFM
DFM
33.0
36.70
40.60
1
53.3
56.3
2
X
SMDJ36A
SMDJ36CA
PFP
DFP
36.0
40.00
44.20
1
58.1
51.6
2
X
SMDJ40A
SMDJ40CA
PFR
DFR
40.0
44.40
49.10
1
64.5
46.5
2
X
SMDJ43A
SMDJ43CA
PFT
DFT
43.0
47.80
52.80
1
69.4
43.2
2
X
SMDJ45A
SMDJ45CA
PFV
DFV
45.0
50.00
55.30
1
72.7
41.3
2
X
SMDJ48A
SMDJ48CA
PFX
DFX
48.0
53.30
58.90
1
77.4
38.8
2
X
SMDJ51A
SMDJ51CA
PFZ
DFZ
51.0
56.70
62.70
1
82.4
36.4
2
X
SMDJ54A
SMDJ54CA
RGE
DGE
54.0
60.00
66.30
1
87.1
34.4
2
X
SMDJ58A
SMDJ58CA
PGG
DGG
58.0
64.40
71.20
1
93.6
32.1
2
X
SMDJ60A
SMDJ60CA
PGK
DGK
60.0
66.70
73.70
1
96.8
31.0
2
X
SMDJ64A
SMDJ64CA
PGM
DGM
64.0
71.10
78.60
1
103.0
29.1
2
X
SMDJ70A
SMDJ70CA
PGP
DGP
70.0
77.80
86.00
1
113.0
26.5
2
X
SMDJ75A
SMDJ75CA
PGR
DGR
75.0
83.30
92.10
1
121.0
24.8
2
X
SMDJ78A
SMDJ78CA
PGT
DGT
78.0
86.70
95.80
1
126.0
23.8
2
X
SMDJ85A
SMDJ85CA
PGV
DGV
85.0
94.40
104.00
1
137.0
21.9
2
X
SMDJ90A
SMDJ90CA
PGX
DGX
90.0
100.00
111.00
1
146.0
20.5
2
X
SMDJ100A
SMDJ100CA
PGZ
DGZ
100.0
111.00
123.00
1
162.0
18.5
2
X
SMDJ110A
SMDJ110CA
PHE
DHE
110.0
122.00
135.00
1
177.0
16.9
2
X
SMDJ120A
SMDJ120CA
PHG
DHG
120.0
133.00
147.00
1
193.0
15.5
2
X
SMDJ130A
SMDJ130CA
PHK
DHK
130.0
144.00
159.00
1
209.0
14.4
2
X
SMDJ150A
SMDJ150CA
PHM
DHM
150.0
167.00
185.00
1
243.0
12.3
2
X
SMDJ160A
SMDJ160CA
PHP
DHP
160.0
178.00
197.00
1
259.0
11.6
2
X
SMDJ170A
SMDJ170CA
PHR
DHR
170.0
189.00
209.00
1
275.0
10.9
2
X
For parts without A , the V
BR is ± 10%, and VC is 5% higher than A parts.
For bidirectional type having V
R of 10 volts and less, the IR limit is double.


同様の部品番号 - SMDJ6.0A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMDJ6.0A ETC1-SMDJ6.0A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
SAMYANG ELECTRONICS CO....
SMDJ6.0A SAMYANG-SMDJ6.0A Datasheet
2Mb / 6P
   Transient Voltage Suppressor Diodes
logo
DONGGUAN YOU FENG WEI E...
SMDJ6.0A YFWDIODE-SMDJ6.0A Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Anova Technologies CO.,...
SMDJ6.0A ANOVA-SMDJ6.0A Datasheet
267Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
SMDJ6.0A MDE-SMDJ6.0A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - SMDJ6.0A

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
5.0SMDJ CHENDA-5.0SMDJ Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
P4SMAFJ8.5A CHENDA-P4SMAFJ8.5A Datasheet
1Mb / 3P
   8.5-170 Volts Peak pulse power: 400 Watts
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
StarHope
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Jinan Jingheng (Group) ...
3KP JINANJINGHENG-3KP Datasheet
775Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Microdiode Electronics ...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com