データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMDJ70A データシート(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

部品番号 SMDJ70A
部品情報  5.0-170 Volts Peak pulse power: 3000 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
ホームページ  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SMDJ70A データシート(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SMDJ70A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ70A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ70A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ70A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ70A Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
t
d-Pulse W idth (Se c.)
0.0000001
0.31x0.31" (8.0x8.0mm)
Copper Pad Area
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10μsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000μsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
0
20
40
60
80
100
0
25
50
75
100
125
150
175
T
A - Ambient te mperature (ºC)
1
10
100
1000
10000
100000
1.0
10.0
100.0
1000.0
V
BR - Reverse Breakdown Voltage (V)
Bi-direct ional V= OV
Uni-direct ional @ VR
Bi-direct ional @ VR
Uni-direct ional V= OV
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
25
50
75
100
125
150
175
T
A - Ambient Temperature(ºC)
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
1
10
100
Number of Cycles at 60 Hz
0
50
100
150
200
250
300
350
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current Uni-Directional only
RATINGS AND CHARACTERISTIC CURVES SMDJ series
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


同様の部品番号 - SMDJ70A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMDJ70A ETC1-SMDJ70A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Littelfuse
SMDJ70A LITTELFUSE-SMDJ70A Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
logo
SUNMATE electronic Co.,...
SMDJ70A SUNMATE-SMDJ70A Datasheet
537Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Shanghai Yint Electroni...
SMDJ70A YINT-SMDJ70A Datasheet
1Mb / 5P
   SMDJ Transient Voltage Suppressor Diode Series
logo
MDE Semiconductor, Inc.
SMDJ70A MDE-SMDJ70A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - SMDJ70A

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
5.0SMDJ CHENDA-5.0SMDJ Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
P4SMAFJ8.5A CHENDA-P4SMAFJ8.5A Datasheet
1Mb / 3P
   8.5-170 Volts Peak pulse power: 400 Watts
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
StarHope
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Jinan Jingheng (Group) ...
3KP JINANJINGHENG-3KP Datasheet
775Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Microdiode Electronics ...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com