データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD4000 データシート(PDF) 6 Page - Analog Devices

部品番号 AD4000
部品情報  Precision, Pseudo Differential, SAR ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD4000 データシート(HTML) 6 Page - Analog Devices

Back Button AD4000 Datasheet HTML 2Page - Analog Devices AD4000 Datasheet HTML 3Page - Analog Devices AD4000 Datasheet HTML 4Page - Analog Devices AD4000 Datasheet HTML 5Page - Analog Devices AD4000 Datasheet HTML 6Page - Analog Devices AD4000 Datasheet HTML 7Page - Analog Devices AD4000 Datasheet HTML 8Page - Analog Devices AD4000 Datasheet HTML 9Page - Analog Devices AD4000 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 6 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Power Dissipation
VDD = 1.8 V, VIO = 1.8 V, VREF = 5 V
10 kSPS, high-Z mode disabled
70
µW
500 kSPS, high-Z mode disabled
3.5
4.2
mW
1 MSPS, high-Z mode disabled
7
8.2
mW
2 MSPS, high-Z mode disabled
14
16
mW
500 kSPS, high-Z mode enabled
4
5
mW
1 MSPS, high-Z mode enabled
8
9.9
mW
2 MSPS, high-Z mode enabled
16
19
mW
VDD Only
500 kSPS, high-Z mode disabled
2.5
mW
1 MSPS, high-Z mode disabled
4.9
mW
2 MSPS, high-Z mode disabled
9.75
mW
REF Only
500 kSPS, high-Z mode disabled
0.9
mW
1 MSPS, high-Z mode disabled
1.9
mW
2 MSPS, high-Z mode disabled
3.75
mW
VIO Only
500 kSPS, high-Z mode disabled
0.1
mW
1 MSPS, high-Z mode disabled
0.2
mW
2 MSPS, high-Z mode disabled
0.5
mW
Energy per Conversion
7
nJ/sample
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+125
°C
1
The acquisition phase is the time available for the input sampling capacitors to acquire a new input with the ADC running at a throughput rate of 2 MSPS for the
AD4000, 1 MSPS for the AD4004, and 500 kSPS for the AD4008.
2
A throughput rate of 2 MSPS can only be achieved with turbo mode enabled and a minimum SCK rate of 70 MHz. Refer to Table 4 for the maximum achievable
throughput for different modes of operation.
3
Transient response is the time required for the ADC to acquire a full-scale input step to ±0.5 LSB accuracy.
4
The minimum and maximum values are guaranteed by characterization, but not production tested.
5
See the 1/f noise plot in Figure 23.


同様の部品番号 - AD4000

メーカー部品番号データシート部品情報
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
logo
Analog Devices
AD4000BCPZ-RL7 AD-AD4000BCPZ-RL7 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD4000BRMZ AD-AD4000BRMZ Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD4000BRMZ-RL7 AD-AD4000BRMZ-RL7 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
More results

同様の説明 - AD4000

メーカー部品番号データシート部品情報
logo
Analog Devices
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com