データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD4001 データシート(PDF) 11 Page - Analog Devices

部品番号 AD4001
部品情報  Precision, Differential SAR ADCs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD4001 データシート(HTML) 11 Page - Analog Devices

Back Button AD4001_17 Datasheet HTML 7Page - Analog Devices AD4001_17 Datasheet HTML 8Page - Analog Devices AD4001_17 Datasheet HTML 9Page - Analog Devices AD4001_17 Datasheet HTML 10Page - Analog Devices AD4001_17 Datasheet HTML 11Page - Analog Devices AD4001_17 Datasheet HTML 12Page - Analog Devices AD4001_17 Datasheet HTML 13Page - Analog Devices AD4001_17 Datasheet HTML 14Page - Analog Devices AD4001_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Data Sheet
AD4001/AD4005
Rev. B | Page 11 of 37
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, T = 25°C, high-Z mode disabled, span compression disabled, turbo mode enabled, and sampling
frequency (fS) = 2 MSPS for the AD4001 and fS = 1 MSPS for the AD4005, unless otherwise noted.
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
–40°C
+25°C
+125°C
Figure 5. INL vs. Code for Various Temperatures, VREF = 5 V
CODE
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
8192
16384
24576
32768
40960
49152
57344
65536
–40°C
+25°C
+125°C
Figure 6. INL vs. Code for Various Temperatures, VREF = 2.5 V
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
HIGH-Z ENABLED
SPAN COMPRESSION ENABLED
Figure 7. INL vs. Code, High-Z and Span Compression Modes Enabled, VREF = 5 V
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
–40°C
+25°C
+125°C
Figure 8. DNL vs. Code for Various Temperatures, VREF = 5 V
CODE
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
8192
16384
24576
32768
40960
49152
57344
65536
–40°C
+25°C
+125°C
Figure 9. DNL vs. Code for Various Temperatures, VREF = 2.5 V
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
HIGH-Z ENABLED
SPAN COMPRESSION ENABLED
Figure 10. DNL vs. Code, High-Z and Span Compression Modes Enabled,
VREF = 5 V


同様の部品番号 - AD4001_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD4001BCPZ-RL7 AD-AD4001BCPZ-RL7 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4001BRMZ AD-AD4001BRMZ Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4001BRMZ-RL7 AD-AD4001BRMZ-RL7 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
More results

同様の説明 - AD4001_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
AD4680 AD-AD4680 Datasheet
427Kb / 29P
   Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com