データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9208BBPZRL-3000 データシート(PDF) 10 Page - Analog Devices

部品番号 AD9208BBPZRL-3000
部品情報  14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9208BBPZRL-3000 データシート(HTML) 10 Page - Analog Devices

Back Button AD9208BBPZRL-3000 Datasheet HTML 6Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 7Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 8Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 9Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 10Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 11Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 12Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 13Page - Analog Devices AD9208BBPZRL-3000 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 137 page
background image
Data Sheet
AD9208
Rev. 0 | Page 9 of 136
SWITCHING SPECIFICATIONS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.9 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.9 V,
SPIVDD = 1.9 V, specified maximum sampling rate, 1.7 V p-p full-scale differential input, AIN = −2.0 dBFS, default SPI settings, −10°C ≤
TJ ≤ +120°C,1 unless otherwise noted. Typical specifications represent performance at TJ = 70°C (TA = 25°C).
Table 4.
Parameter
Min
Typ
Max
Unit
CLOCK
Clock Rate (at CLK+/CLK− Pins)
3
6
GHz
Sample Rate2
2500
3000
3100
MSPS
Clock Pulse Width High
161.29
166.67
192.31
ps
Clock Pulse Width Low
161.29
166.67
192.31
ps
OUTPUT PARAMETERS
Unit Interval (UI)3
62.5
66.67
592.6
ps
Rise Time (tR) (20% to 80% into 100 Ω Load)
26
ps
Fall Time (tF) (20% to 80% into 100 Ω Load)
26
ps
Phase-Locked Loop (PLL) Lock Time
5
ms
Data Rate per Channel (Nonreturn to Zero)4
1.6875
15
16
Gbps
LATENCY5
Pipeline Latency6
75
Clock cycles
Fast Detect Latency
26
Clock cycles
WAKE-UP TIME
Standby
400
μs
Power-Down
15
ms
NCO CHANNEL SELECTION TO OUTPUT
8
Clock cycles
APERTURE
Aperture Delay (tA)
250
ps
Aperture Uncertainty (Jitter, tJ)
55
fs rms
Out of Range Recovery Time
1
Clock cycles
1 The junction temperature (TJ) range of −10°C to +120°C translates to an ambient temperature (TA) range of −40°C to +85°C.
2 The maximum sample rate is the clock rate after the divider.
3 Baud rate = 1/UI. A subset of this range can be supported.
4 Default L = 8. This number can be changed based on the sample rate and decimation ratio.
5 No DDCs used. L = 8, M = 2, and F = 1.
6 Refer to the Latency section for more details.


同様の部品番号 - AD9208BBPZRL-3000

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
More results

同様の説明 - AD9208BBPZRL-3000

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
AD9213 AD-AD9213 Datasheet
2Mb / 110P
   12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9213S-CSH AD-AD9213S-CSH Datasheet
2Mb / 23P
   12-Bit, 10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. 0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com