データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD1J データシート(PDF) 4 Page - Dongguan City Niuhang Electronics Co.LTD

部品番号 SD1J
部品情報  SNUBBER DAMPING RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
ホームページ  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SD1J データシート(HTML) 4 Page - Dongguan City Niuhang Electronics Co.LTD

  SD1J Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SD1J Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SD1J Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SD1J Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD SD1J Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
SD1J
SNUBBER DAMPING RECTIFIERS
http://www.dgniuhang.com
Page: 4 of 5
Date:2014/10/20
Rev.:AA


同様の部品番号 - SD1J

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
SD1-D COOPER-SD1-D Datasheet
421Kb / 8P
   NH bases
logo
Eaton All Rights Reserv...
SD1-D-PV EATON-SD1-D-PV Datasheet
71Kb / 1P
   Eaton Bussmann series NH PV fuse block
logo
Sirectifier Semiconduct...
SD10 SIRECTIFIER-SD10 Datasheet
225Kb / 2P
   Discrete Diodes
logo
M-System Co.,Ltd.
SD10 MSYSTEM-SD10 Datasheet
201Kb / 9P
   Single Loop Controller Series BARGRAPH INDICATING ALARM
logo
DAESAN ELECTRONIC CORP.
SD10 DAESAN-SD10 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - SD1J

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
QJM3 CYSTEKEC-QJM3 Datasheet
232Kb / 6P
   1A Snubber Damping Rectifier
QJAF CYSTEKEC-QJAF Datasheet
404Kb / 7P
   1A Snubber Damping Rectifier
QJ-2L CYSTEKEC-QJ-2L Datasheet
245Kb / 6P
   1A Snubber Damping Rectifier
QJCTM3 CYSTEKEC-QJCTM3 Datasheet
232Kb / 6P
   1A Snubber Damping Rectifier
QJL3 CYSTEKEC-QJL3 Datasheet
239Kb / 6P
   1A Snubber Damping Rectifier
QJP-65 CYSTEKEC-QJP-65 Datasheet
389Kb / 6P
   1A Snubber Damping Rectifier
QJP-62 CYSTEKEC-QJP-62 Datasheet
389Kb / 6P
   1A Snubber Damping Rectifier
QJP CYSTEKEC-QJP Datasheet
388Kb / 6P
   1A Snubber Damping Rectifier
QJP-2L CYSTEKEC-QJP-2L Datasheet
409Kb / 6P
   1A Snubber Damping Rectifier
QJCTL3 CYSTEKEC-QJCTL3 Datasheet
239Kb / 6P
   1A Snubber Damping Rectifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com