データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP29B データシート(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

部品番号 TIP29B
部品情報  1.0 Ampere NPN Type Epitaxial Silicon Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THINKISEMI [Thinki Semiconductor Co., Ltd.]
ホームページ  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

TIP29B データシート(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  TIP29B Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. TIP29B Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. TIP29B Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
®
TIP29/TIP29A/TIP29B/TIP29C
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/3
Rev.05
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
VCEO(SUS)
Collector-Emitter Sustaining Voltage
(note 2)
(IC=30mAdc, IB=0)
TIP29, TIP30
TIP29A, TIP30A
TIP29B, TIP30B
TIP29C, TIP30C
40
60
80
100
---
---
---
---
Vdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
1.0
mAdc
ICES
Collector Cutoff Current
(VCE=40V, VEB=0)
TIP29, TIP30
(VCE=60V, VEB=0)
TIP29A, TIP30A
(VCE=80V, VEB=0)
TIP29B, TIP30B
(VCE=100V, VEB=0)
TIP29C, TIP30C
---
---
---
---
200
200
200
200
uAdc
ICEO
Collector Cutoff Current
(VCE=30Vdc, IB=0)
TIP29, TIP29A, TIP30, TIP30A
(VCE=60Vdc, IB=0)
TIP29B, TIP29C, TIP30B, TIP30C
---
---
0.3
0.3
mAdc
ON CHARACTERISTICS
(2)
hFE(1)
DC Current Gain
(IC=0.2Adc, VCE=4.0Vdc)
(IC=1.0Adc, VCE=4.0Vdc)
40
15
---
75
----
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=1.0Adc, IB=125mAdc)
---
0.7
Vdc
VBE(ON)
Base-Emitter On Voltage
(IC=1.0Adc,VCE=4.0Adc)
---
1.3
Vdc
fT
Current-Gain-Bandwidth Product
(note 3)
(IC=200mAdc, VCE=10Vdc,
f=1.0MHZ)
3.0
---
MHZ
hfe
Small-Signal Current Gain
(IC=0.2Adc, VCE=10Vdc, f=1.0KHz )
20
---
---


同様の部品番号 - TIP29B

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
TIP29B MOSPEC-TIP29B Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Micro Commercial Compon...
TIP29B MCC-TIP29B Datasheet
163Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
Motorola, Inc
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
   1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
Micro Commercial Compon...
TIP29B MCC-TIP29B Datasheet
252Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
ON Semiconductor
TIP29B ONSEMI-TIP29B Datasheet
137Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
More results

同様の説明 - TIP29B

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ413 MOTOROLA-MJ413 Datasheet
134Kb / 4P
   10 AMPERE POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
2N6546 NJSEMI-2N6546 Datasheet
114Kb / 1P
   15 AMPERE NPN SILICON POWER TRANSISTORS
2N6676 NJSEMI-2N6676 Datasheet
208Kb / 2P
   15 AMPERE NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
MJ13090 MOTOROLA-MJ13090 Datasheet
266Kb / 6P
   15 AMPERE NPN SILICON POWER TRANSISTORS
logo
Toshiba Semiconductor
TDTC114E TOSHIBA-TDTC114E Datasheet
226Kb / 5P
   Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-12 Rev.4.0
TDTC123J TOSHIBA-TDTC123J Datasheet
226Kb / 5P
   Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-13 Rev.3.0
TDTC143Z TOSHIBA-TDTC143Z Datasheet
227Kb / 5P
   Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-13 Rev.3.0
TTC3710B TOSHIBA-TTC3710B Datasheet
245Kb / 7P
   Bipolar Transistors Silicon NPN Epitaxial Type
2014-11-06 Rev.3.0
TTC011B TOSHIBA-TTC011B Datasheet
272Kb / 6P
   Bipolar Transistors Silicon NPN Epitaxial Type
2016-02-09 Rev.1.0
TTC017 TOSHIBA-TTC017 Datasheet
487Kb / 7P
   Bipolar Transistors Silicon NPN Epitaxial Type
2015-03-24 Rev.1.0
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com