データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM36 データシート(PDF) 4 Page - Changzhou Shunye Electronics Co.,Ltd.

部品番号 SM36
部品情報  VOLTAGE 5 to 36 Volts WATT 300 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SY [Changzhou Shunye Electronics Co.,Ltd.]
ホームページ  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.

SM36 データシート(HTML) 4 Page - Changzhou Shunye Electronics Co.,Ltd.

  SM36 Datasheet HTML 1Page - Changzhou Shunye Electronics Co.,Ltd. SM36 Datasheet HTML 2Page - Changzhou Shunye Electronics Co.,Ltd. SM36 Datasheet HTML 3Page - Changzhou Shunye Electronics Co.,Ltd. SM36 Datasheet HTML 4Page - Changzhou Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Non-Repetitive Peak Pulse Power vs. Pulse Time
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Power Derating Curve
Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (
µs)
e
-t
td = IPP/2
Waveform
Parameters:
tr = 8
µs
td = 20
µs
l
e
v
e
Lt
s
ri
F
k
a
e
P
t
n
e
rr
u
C
)
A
(
k
a
e
P
t
n
e
rr
u
C
s
n
0
3
t
a
)
A
(
k
a
e
P
t
n
e
rr
u
C
s
n
0
6
t
a
)
A
(
t
s
e
T
e
g
a
tl
o
V
t
c
a
t
n
o
C
(
)
e
g
r
a
h
c
s
i
D
)
V
k
(
t
s
e
T
e
g
a
tl
o
V
ri
A
(
)
e
g
r
a
h
c
s
i
D
)
V
k
(
15
.
74
8
2
2
25
18
4
4
4
35
.
2
22
16
6
8
40
36
18
8
5
1
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (
µs)
IEC 61000-4-2 Discharge Parameters
ESD Pulse Waveform (Per IEC 61000-4-2)
www.shunyegroup.com.cn


同様の部品番号 - SM36

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SM36 SEMTECH-SM36 Datasheet
171Kb / 7P
   TVS Diode Array
logo
Guangdong Youtai Semico...
SM36 UMW-SM36 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Micro Commercial Compon...
SM36 MCC-SM36 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SM36 MICROSEMI-SM36 Datasheet
138Kb / 2P
   TVSarray Series
logo
Semtech Corporation
SM36 SEMTECH-SM36 Datasheet
161Kb / 7P
   TVS Diode Array
More results

同様の説明 - SM36

メーカー部品番号データシート部品情報
logo
Shunye Enterprise
PJDLC12 SHUNYE-PJDLC12 Datasheet
1Mb / 3P
   5 to 24 Volts POWER 400 Watts VOLTAGE WATT
PJDLC05 SHUNYE-PJDLC05_17 Datasheet
1Mb / 3P
   5 to 24 Volts POWER 400 Watts VOLTAGE WATT
PJDLC24 SHUNYE-PJDLC24 Datasheet
1Mb / 3P
   5 to 24 Volts POWER 400 Watts VOLTAGE WATT
logo
DATEL, Inc.
HB300S5-60 DATEL-HB300S5-60 Datasheet
135Kb / 1P
   Half-Brick, 300-Watt, 5 Volts Output
logo
List of Unclassifed Man...
LDR100SB ETC-LDR100SB Datasheet
185Kb / 3P
   100 WATTS 36 VOLTS
logo
Advanced Power Technolo...
1214-150L ADPOW-1214-150L Datasheet
87Kb / 4P
   150 Watts, 36 Volts, 5 ms, 20% Radar 1200 to 1400 MHz
0910-300M ADPOW-0910-300M Datasheet
108Kb / 4P
   300 Watts - 50 Volts, 150us, 5% Radar 890 - 1000 MHz
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Rectron Semiconductor
SD05C RECTRON-SD05C Datasheet
426Kb / 6P
   VOLTAGE RANGE 5 Volts POWER RATING 350 Watts
logo
New Jersey Semi-Conduct...
D64VS3 NJSEMI-D64VS3 Datasheet
804Kb / 2P
   300-400 VOLTS 15 AMP, 195 WATTS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com