データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD0805052 データシート(PDF) 1 Page - Changzhou Shunye Electronics Co.,Ltd.

部品番号 SD0805052
部品情報  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SY [Changzhou Shunye Electronics Co.,Ltd.]
ホームページ  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.

SD0805052 データシート(HTML) 1 Page - Changzhou Shunye Electronics Co.,Ltd.

  SD0805052 Datasheet HTML 1Page - Changzhou Shunye Electronics Co.,Ltd. SD0805052 Datasheet HTML 2Page - Changzhou Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
20
40
30
V
IF(AV)
A
IFSM
A
Tj
TSTG
5
125
- 40 to +125
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Junction temperature
Rating
0.5
Repetitive peak reverse voltage
Storage temperature range
oC
Topr
- 40 to +125
Operating temperature range
Electrical characteristics (Ta = 25
o
C)
VF
ITEM
Symbol
Conditions
Min.
Typ.
Type
IF = 0.1A
IF = 0.5A
V
-
-
0.32
0.40
-
0.44
IF = 0.1A
IF = 0.5A
V
-
-
0.32
0.40
-
0.46
SD0805053
IF = 0.1A
IF = 0.5A
V
-
-
0.32
0.40
-
0.48
Max.
Unit
Forward voltage
oC/W
-
120
-
Rth(JA)
Junction to ambient
Thermal resistance
oC/W
-
28
-
Rth(JL)
Junction to lead
pF
-
28
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
15
100
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
B
2
.
2.00 ± 0.10
R 0.2
75
0.45 ± 0.10
0.45 ± 0.10
MARKING
a
: 0805
Voltage class: 2 = 20V, 3 = 30V, 4 = 40V
Mounting Pad Layout
2.90
REF.
0.80
MIN.
1.30
MAX.
SD0805052 THRU SD0805054
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20-40 Volts
Forward Current - 0.5 Amperes
Unit : mm
Case: 0805(SOD-323)
Halogen-free type
Compliance to RoHS product
Lead less chip form, no lead damage
Low power loss, High efficiency
High current capability, low VF
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
Switching mode power supply applications
Portable equipment battery applications
High frequency rectification
DC / DC Converter
Telecommunication
APPLICATION
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.005 gram
MECHANICAL DATA
SD0805052
SD0805054
SD0805053
SD0805052
SD0805054
www.shunyegroup.com.cn


同様の部品番号 - SD0805052

メーカー部品番号データシート部品情報
logo
AVX Corporation
SD0805S020L0R1 AVX-SD0805S020L0R1 Datasheet
478Kb / 7P
   Schottky Barrier Rectifier Diode
SD0805S020L0R2 AVX-SD0805S020L0R2 Datasheet
478Kb / 7P
   Schottky Barrier Rectifier Diode
SD0805S020L0R5 AVX-SD0805S020L0R5 Datasheet
478Kb / 7P
   Schottky Barrier Rectifier Diode
SD0805S020L1R0 AVX-SD0805S020L1R0 Datasheet
478Kb / 7P
   Schottky Barrier Rectifier Diode
SD0805S020S0R1 AVX-SD0805S020S0R1 Datasheet
478Kb / 7P
   Schottky Barrier Rectifier Diode
More results

同様の説明 - SD0805052

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com