データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9253 データシート(PDF) 8 Page - Analog Devices

部品番号 AD9253
部品情報  Serial LVDS 1.8 V Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9253 データシート(HTML) 8 Page - Analog Devices

Back Button AD9253 Datasheet HTML 4Page - Analog Devices AD9253 Datasheet HTML 5Page - Analog Devices AD9253 Datasheet HTML 6Page - Analog Devices AD9253 Datasheet HTML 7Page - Analog Devices AD9253 Datasheet HTML 8Page - Analog Devices AD9253 Datasheet HTML 9Page - Analog Devices AD9253 Datasheet HTML 10Page - Analog Devices AD9253 Datasheet HTML 11Page - Analog Devices AD9253 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Data Sheet
AD9253
Rev. B | Page 7 of 40
Timing Diagrams
Refer to the Memory Map Register Descriptions section and Table 21 for SPI register settings.
D0–A
D0+A
D1–A
D1+A
FCO–
BYTEWISE
MODE
FCO+
D0–A
D0+A
D1–A
D1+A
FCO–
DCO–
DCO+
DCO+
CLK+
VIN±x
CLK–
DCO–
FCO+
BITWISE
MODE
SDR
DDR
MSB
N – 17
D12
N – 17
D11
N – 17
D10
N – 17
D09
N – 17
D08
N – 17
D07
N – 17
D06
N – 17
MSB
N – 16
D12
N – 16
D11
N – 16
D10
N – 16
D09
N – 16
D08
N – 16
D07
N – 16
D06
N – 16
D05
N – 17
D04
N – 17
D03
N – 17
D02
N – 17
D01
N – 17
LSB
N – 17
0
N – 17
0
N – 17
D05
N – 16
D04
N – 16
D03
N – 16
D02
N – 16
D01
N – 16
LSB
N – 16
0
N – 16
0
N – 16
MSB
N – 17
D11
N – 17
D09
N – 17
D07
N – 17
D05
N – 17
D03
N – 17
D01
N – 17
0
N – 17
MSB
N – 16
D11
N – 16
D09
N – 16
D07
N – 16
D05
N – 16
D03
N – 16
D01
N – 16
0
N – 16
D12
N – 17
D10
N – 17
D08
N – 17
D06
N – 17
D04
N – 17
D02
N – 17
LSB
N – 17
0
N – 17
D12
N – 16
D10
N – 16
D08
N – 16
D06
N – 16
D04
N – 16
D02
N – 16
LSB
N – 16
0
N – 16
tA
tDATA
tLD
tEH
tFCO
tFRAME
tPD
tCPD
tEL
N – 1
N
N + 1
Figure 2. 16-Bit DDR/SDR, Two-Lane, 1× Frame Mode (Default)
D0–A
D0+A
D1–A
D1+A
FCO–
BYTEWISE
MODE
FCO+
D0–A
D0+A
D1–A
D1+A
FCO–
DCO–
CLK+
CLK–
DCO+
DCO–
DCO+
FCO+
BITWISE
MODE
SDR
DDR
D10
N – 16
D08
N – 16
D06
N – 16
D04
N – 16
D02
N – 16
LSB
N – 16
D10
N – 17
D08
N – 17
D06
N – 17
D04
N – 17
D02
N – 17
LSB
N – 17
MSB
N – 16
D09
N – 16
D07
N – 16
D05
N – 16
D03
N – 16
D01
N – 16
MSB
N – 17
D09
N – 17
D07
N – 17
D05
N – 17
D03
N – 17
D01
N – 17
D05
N – 16
D04
N – 16
D03
N – 16
D02
N – 16
D01
N – 16
LSB
N – 16
D05
N – 17
D04
N – 17
D03
N – 17
D02
N – 17
D01
N – 17
LSB
N – 17
MSB
N – 16
D10
N – 16
D09
N – 16
D08
N – 16
D07
N – 16
D06
N – 16
MSB
N – 17
D10
N – 17
D09
N – 17
D08
N – 17
D07
N – 17
D06
N – 17
tEH
tCPD
tFRAME
tFCO
tPD
tDATA
tLD
tEL
VIN±x
tA
N – 1
N
N + 1
Figure 3. 12-Bit DDR/SDR, Two-Lane, 1× Frame Mode


同様の部品番号 - AD9253

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9253-125EBZ AD-AD9253-125EBZ Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9253BCPZ-105 AD-AD9253BCPZ-105 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9253BCPZ-125 AD-AD9253BCPZ-125 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9253BCPZ-80 AD-AD9253BCPZ-80 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
More results

同様の説明 - AD9253

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
   Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
AD9655 AD-AD9655 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681 Datasheet
1Mb / 40P
   Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
REV. A
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com