データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9266-20EBZ データシート(PDF) 5 Page - Analog Devices

部品番号 AD9266-20EBZ
部品情報  1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9266-20EBZ データシート(HTML) 5 Page - Analog Devices

  AD9266-20EBZ Datasheet HTML 1Page - Analog Devices AD9266-20EBZ Datasheet HTML 2Page - Analog Devices AD9266-20EBZ Datasheet HTML 3Page - Analog Devices AD9266-20EBZ Datasheet HTML 4Page - Analog Devices AD9266-20EBZ Datasheet HTML 5Page - Analog Devices AD9266-20EBZ Datasheet HTML 6Page - Analog Devices AD9266-20EBZ Datasheet HTML 7Page - Analog Devices AD9266-20EBZ Datasheet HTML 8Page - Analog Devices AD9266-20EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AD9266
Data Sheet
Rev. B | Page 4 of 32
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, DCS disabled, unless otherwise noted.
Table 1.
Parameter
Temp
AD9266-20/AD9266-40
AD9266-65
AD9266-80
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
Full
16
16
16
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
+0.05
±0.30
+0.05
±0.30
+0.05
±0.30
% FSR
Gain Error1
Full
−2.5/−2.0
−1.0
+1.0
% FSR
Differential Nonlinearity
(DNL)2
Full
−0.9/+1.2
−0.9/+1.7
−0.9/+1.7
LSB
25°C
−0.5/+0.6
−0.5/+1.0
−0.6/+1.1
LSB
Integral Nonlinearity
(INL)2
Full
±5.5
±6.5
±6.2
LSB
25°C
±1.8
±2.4
±3.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
±2
ppm/°C
INTERNAL VOLTAGE
REFERENCE
Output Voltage (1 V Mode)
Full
0.983
0.995
1.007
0.983
0.995
1.007
0.983
0.995
1.007
V
Load Regulation Error
at 1.0 mA
Full
2
2
2
mV
INPUT-REFERRED NOISE
VREF = 1.0 V
25°C
2.8
2.8
2.8
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
2
V p-p
Input Capacitance3
Full
6.5
6.5
6.5
pF
Input Common-Mode
Voltage
Full
0.9
0.9
0.9
V
Input Common-Mode
Range
Full
0.5
1.3
0.5
1.3
0.5
1.3
V
REFERENCE INPUT
RESISTANCE
Full
7.5
7.5
7.5
kΩ
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
3.6
1.7
3.6
1.7
3.6
V
Supply Current
IAVDD2
Full
31.4/40.7
33.2/42.5
54.5
57.6
62.5
65.7
mA
IDRVDD2 (1.8 V)
Full
1.7/3.3
5.2
6.3
mA
IDRVDD2 (3.3 V)
Full
3.0/5.9
9.3
11.6
mA
POWER CONSUMPTION
DC Input
Full
57/73
98
113
mW
Sine Wave Input2
(DRVDD = 1.8 V)
Full
60/79
63/82
107
113
124
130
mW
Sine Wave Input2
(DRVDD = 3.3 V)
Full
66/93
129
151
mW
Standby Power4
Full
40
44
44
mW
Power-Down Power
Full
0.5
0.5
0.5
mW
1
Measured with 1.0 V external reference.
2
Measured with a 10 MHz input frequency at rated sample rate, full-scale sine wave, with approximately 5 pF loading on each output bit.
3
Input capacitance refers to the effective capacitance between the differential inputs.
4
Standby power is measured with a dc input and the CLK active.


同様の部品番号 - AD9266-20EBZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9266-20EBZ AD-AD9266-20EBZ Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results

同様の説明 - AD9266-20EBZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com