データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9204BCPZ-65 データシート(PDF) 10 Page - Analog Devices

部品番号 AD9204BCPZ-65
部品情報  1.8 V Dual Analog-to-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9204BCPZ-65 データシート(HTML) 10 Page - Analog Devices

Back Button AD9204BCPZ-65 Datasheet HTML 6Page - Analog Devices AD9204BCPZ-65 Datasheet HTML 7Page - Analog Devices AD9204BCPZ-65 Datasheet HTML 8Page - Analog Devices AD9204BCPZ-65 Datasheet HTML 9Page - Analog Devices AD9204BCPZ-65 Datasheet HTML 10Page - Analog Devices AD9204BCPZ-65 Datasheet HTML 11Page - Analog Devices AD9204BCPZ-65 Datasheet HTML 12Page - Analog Devices AD9204BCPZ-65 Datasheet HTML 13Page - Analog Devices AD9204BCPZ-65 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Data Sheet
AD9204
Rev. A | Page 9 of 36
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +3.9 V
VIN+A, VIN+B, VIN−A, VIN−B to AGND
−0.3 V to AVDD + 0.2 V
CLK+, CLK− to AGND
−0.3 V to AVDD + 0.2 V
SYNC to AGND
−0.3 V to DRVDD + 0.3 V
VREF to AGND
−0.3 V to AVDD + 0.2 V
SENSE to AGND
−0.3 V to AVDD + 0.2 V
VCM to AGND
−0.3 V to AVDD + 0.2 V
RBIAS to AGND
−0.3 V to AVDD + 0.2 V
CSB to AGND
−0.3 V to DRVDD + 0.3 V
SCLK/DFS to AGND
−0.3 V to DRVDD + 0.3 V
SDIO/DCS to AGND
−0.3 V to DRVDD + 0.3 V
OEB to AGND
−0.3 V to DRVDD + 0.3 V
PDWN to AGND
−0.3 V to DRVDD + 0.3 V
D0A/D0B Through D13A/D13B to AGND
−0.3 V to DRVDD + 0.3 V
DCOA/DCOB to AGND
−0.3 V to DRVDD + 0.3 V
Operating Temperature Range (Ambient)
−40°C to +85°C
Maximum Junction Temperature
Under Bias
150°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
The exposed paddle is the only ground connection for the chip.
The exposed paddle must be soldered to the AGND plane of the
user circuit board. Soldering the exposed paddle to the user
board also increases the reliability of the solder joints and
maximizes the thermal capability of the package.
Table 7. Thermal Resistance
PackageType
Airflow
Velocity
(m/sec)
θJA1,2
θJC1,3
θJB1,4
Unit
64-Lead LFCSP
9 mm × 9 mm
(CP-64-4)
0
23
2.0
°C/W
1.0
20
12
°C/W
2.5
18
°C/W
1
Per JEDEC 51-7, plus JEDEC 25-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per MIL-Std 883, Method 1012.1.
4
Per JEDEC JESD51-8 (still air).
Typical θJA is specified for a 4-layer PCB with a solid ground
plane. As shown in Table 7, airflow improves heat dissipation,
which reduces θJA. In addition, metal in direct contact with the
package leads from metal traces, through holes, ground, and
power planes reduces the θJA.
ESD CAUTION


同様の部品番号 - AD9204BCPZ-65

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9204BCPZ-651,2 AD-AD9204BCPZ-651,2 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

同様の説明 - AD9204BCPZ-65

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
AD9627 AD-AD9627_17 Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
AD9251 AD-AD9251_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9600 AD-AD9600 Datasheet
2Mb / 73P
   1.8 V Dual Analog-to-Digital Converter
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com