データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9222ABCPZ-65 データシート(PDF) 2 Page - Analog Devices

部品番号 AD9222ABCPZ-65
部品情報  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9222ABCPZ-65 データシート(HTML) 2 Page - Analog Devices

  AD9222ABCPZ-65 Datasheet HTML 1Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 2Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 3Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 4Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 5Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 6Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 7Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 8Page - Analog Devices AD9222ABCPZ-65 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
AD9222* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD9222 Evaluation Board
DOCUMENTATION
Application Notes
• AN-1142: Techniques for High Speed ADC PCB Layout
• AN-282: Fundamentals of Sampled Data Systems
• AN-345: Grounding for Low-and-High-Frequency Circuits
• AN-501: Aperture Uncertainty and ADC System
Performance
• AN-715: A First Approach to IBIS Models: What They Are
and How They Are Generated
• AN-737: How ADIsimADC Models an ADC
• AN-741: Little Known Characteristics of Phase Noise
• AN-742: Frequency Domain Response of Switched-
Capacitor ADCs
• AN-756: Sampled Systems and the Effects of Clock Phase
Noise and Jitter
• AN-812: MicroController-Based Serial Port Interface (SPI)
Boot Circuit
• AN-827: A Resonant Approach to Interfacing Amplifiers to
Switched-Capacitor ADCs
• AN-835: Understanding High Speed ADC Testing and
Evaluation
• AN-905: Visual Analog Converter Evaluation Tool Version
1.0 User Manual
• AN-935: Designing an ADC Transformer-Coupled Front
End
Data Sheet
• AD9222: Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/
D Converter Data Sheet
TOOLS AND SIMULATIONS
• Visual Analog
• AD9222 IBIS Models
REFERENCE MATERIALS
Technical Articles
• MS-2210: Designing Power Supplies for High Speed ADC
DESIGN RESOURCES
• AD9222 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD9222 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.


同様の部品番号 - AD9222ABCPZ-65

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9222ABCPZ-65 AD-AD9222ABCPZ-65 Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
More results

同様の説明 - AD9222ABCPZ-65

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
   Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com