データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9258 データシート(PDF) 10 Page - Analog Devices

部品番号 AD9258
部品情報  Analog-to-Digital Converter (ADC)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9258 データシート(HTML) 10 Page - Analog Devices

Back Button AD9258 Datasheet HTML 6Page - Analog Devices AD9258 Datasheet HTML 7Page - Analog Devices AD9258 Datasheet HTML 8Page - Analog Devices AD9258 Datasheet HTML 9Page - Analog Devices AD9258 Datasheet HTML 10Page - Analog Devices AD9258 Datasheet HTML 11Page - Analog Devices AD9258 Datasheet HTML 12Page - Analog Devices AD9258 Datasheet HTML 13Page - Analog Devices AD9258 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
AD9258
Rev. A | Page 9 of 44
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled, unless
otherwise noted.
Table 4.
AD9258BCPZ-80
AD9258BCPZ-105
AD9258BCPZ-125
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
625
MHz
Conversion Rate1
DCS Enabled
Full
20
80
20
105
20
125
MSPS
DCS Disabled
Full
10
80
10
105
10
125
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
12.5
9.5
8
ns
CLK Pulse Width High (tCH)
Divide-by-1 Mode, DCS Enabled
Full
3.75
6.25
8.75
2.85
4.75
6.65
2.4
4
5.6
ns
Divide-by-1 Mode, DCS Disabled
Full
5.95
6.25
6.55
4.5
4.75
5.0
3.8
4
4.2
ns
Divide-by-2 Mode Through
Divide-by-8 Mode
Full
0.8
0.8
0.8
ns
Aperture Delay (tA)
Full
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.07
0.07
0.07
ps
rms
DATA OUTPUT PARAMETERS
CMOS Mode
Data Propagation Delay (tPD)
Full
2.8
3.5
4.2
2.8
3.5
4.2
2.8
3.5
4.2
ns
DCO Propagation Delay (tDCO)2
Full
3.1
3.1
3.1
ns
DCO to Data Skew (tSKEW)
Full
−0.6
−0.4
0
−0.6
−0.4
0
−0.6
−0.4
0
ns
LVDS Mode
Data Propagation Delay (tPD
Full
2.9
3.7
4.5
2.9
3.7
4.5
2.9
3.7
4.5
ns
DCO Propagation Delay (tDCO)2
Full
3.9
3.9
3.9
ns
DCO to Data Skew (tSKEW)
Full
−0.1
+0.2
+0.5
−0.1
+0.2
+0.5
−0.1
+0.2
+0.5
ns
CMOS Mode Pipeline Delay
(Latency)
Full
12
12
12
Cycles
LVDS Mode Pipeline Delay
(Latency) Channel A/Channel B
Full
12/12.5
12/12.5
12/12.5
Cycles
Wake-Up Time3
Full
500
500
500
μs
Out-of-Range Recovery Time
Full
2
2
2
Cycles
1 Conversion rate is the clock rate after the divider.
2 Additional DCO delay can be added by writing to Bit 0 through Bit 4 in SPI Register 0x17 (see Table 17).
3 Wake-up time is defined as the time required to return to normal operation from power-down mode.


同様の部品番号 - AD9258

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9258 AD-AD9258 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258 AD-AD9258 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258 AD-AD9258 Datasheet
198Kb / 4P
   High Performance, Dual Channel IF Sampling Receiver
REV. 0
AD9258-105EBZ1 AD-AD9258-105EBZ1 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258-105EBZ1 AD-AD9258-105EBZ1 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results

同様の説明 - AD9258

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
ADAU1978 AD-ADAU1978 Datasheet
2Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
ADAU1978 AD-ADAU1978_14 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Analog Devices
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com