データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


HCPL2503 データシート(Datasheet) 10 Page - Fairchild Semiconductor

部品番号. HCPL2503
部品情報  HIGH SPEED TRANSISTOR OPTOCOUPLERS
ダウンロード  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo 

 
 10 page
background image
11/2/04
Page 10 of 12
© 2004 Fairchild Semiconductor Corporation
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
SINGLE-CHANNEL: 6N135
6N136
HCPL-2503
HCPL-4502
DUAL-CHANNEL:
HCPL-2530
HCPL-2531
ORDERING INFORMATION
MARKING INFORMATION
Option
Example Part Number
Description
S
6N135S
Surface Mount Lead Bend
SD
6N135SD
Surface Mount; Tape and reel
T
6N135T
0.4" Lead Spacing
V
6N135V
VDE0884
TV
6N135TV
VDE0884; 0.4” lead spacing
SV
6N135SV
VDE0884; surface mount
SDV
6N135SDV
VDE0884; surface mount; tape and reel
1
2
6
4
3
5
Definitions
1
Fairchild logo
2
Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
Two digit year code, e.g., ‘03’
5
Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
2503
T1
YY
XX
V




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
6N135HIGH SPEED TRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HCPL0452High Speed Transistor Optocouplers 1 2 3 4 5 MoreFairchild Semiconductor
FOD050LHIGH SPEED TRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
6N135HIGH SPEED TRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HCPL4503MHIGH SPEED TRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
FODM4535-PIN MINI FLAT PACKAGE HIGH SPEED TRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
6N135HIGH SPEED TRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreQT Optoelectronics
2N2710NPN Small Signal High Speed Low Power Saturating Switch Transistor 1 2 3 4 5 MoreFairchild Semiconductor
2N61925 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS 1 2 3 4 5 MoreSolid States Devices, Inc
2SK1399N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING 1 2 3 4 5 MoreNEC

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl