データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC2400 データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 LC2400
部品情報  2400W 120V Power Conditioner
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LC2400 データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  LC2400 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LC2400 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LC2400 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2400W 120V Power Conditioner with Automatic
Voltage Regulation (AVR), AC Surge Protection, 6
Outlets
MODEL NUMBER: LC2400
Description
The LC2400 2400W 120V Power Conditioner adjusts under- and overvoltages to provide safe, computer-grade AC power that meets ANSI C84.1
specifications. Built-in automatic voltage regulation (AVR) offers three levels of voltage stabilization that correct undervoltages as low as 89V and overvoltages
as high as 147V back to regulated 120V nominal power. Providing optimum voltage conditions not only extends the life of your equipment, but also keeps
keeps your equipment working through brownouts and prolonged overvoltage conditions.
A network-grade 1440-joule surge suppression rating exceeds the IEEE-587 standard for surge suppression (both categories A and B) and prevents even the
strongest spikes from inflicting damage, data loss or corruption and audio/video performance problems on your connected equipment. EMI/RFI noise filtering
protects your AC line from disruptive electromagnetic and radio interference.
Just connect the space-saving NEMA 5-15P right-angle plug with 6-foot cord to an AC power source, and plug up to six devices into the outlets. Four NEMA
5-15R and two NEMA 5-20R outlets accommodate a variety of connected components. You can monitor AC power, incoming voltage level and AC line status
using the seven diagnostic LEDs on the front panel. The compact LC2400 fits comfortably into your computer or home theater setup.
Features
Protects Valuable Electronics
Rated at 120V/2400W/20A
Ideal for computers, routers, modems, printers, home theater components and point-of-sale equipment
Connect up to 6 electronic devices to the rear outlets: 4 NEMA 5-15R and 2 NEMA 5-20R
7 ft. cord with NEMA 5-15P right-angle plug for easier connection in tight spaces
Compact unit (7 in. high) fits comfortably into your computer or home theater setup
Automatic Voltage Regulation (AVR)
Monitors incoming AC power and keeps equipment working through brownouts and prolonged overvoltage conditions
Corrects undervoltages as low as 89V and overvoltages up to 147V
Highlights
Ideal for computers, routers,
modems and home theater
components
Corrects under- and overvoltages
in 89V–147V range
Protects against spikes with 1440
joules of surge suppression
Monitors power status with
front-panel diagnostic LEDs
Features 6 outlets: 4 NEMA
5-15R and 2 NEMA 5-20R
Package Includes
LC2400 2400W 120V Power
Conditioner
Owner’s Manual
1 / 3


同様の部品番号 - LC2400

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LC2400 ETC2-LC2400 Datasheet
545Kb / 3P
   Line Conditioner - Automatic voltage regulation with surge protection
More results

同様の説明 - LC2400

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
LCR2400 TRIPPLITE-LCR2400 Datasheet
423Kb / 3P
   2400W 120V 3U Rack-Mount Power Conditioner
LC1800 TRIPPLITE-LC1800 Datasheet
499Kb / 3P
   1800W 120V Power Conditioner
LS606M TRIPPLITE-LS606M Datasheet
444Kb / 3P
   600W 120V Power Conditioner
LS604WM TRIPPLITE-LS604WM Datasheet
454Kb / 3P
   600W 120V Wall-Mount Power Conditioner
LC1200 TRIPPLITE-LC1200 Datasheet
500Kb / 3P
   1200W 120V Line Conditioner
logo
Mean Well Enterprises C...
RSP-2400_1112 MEANWELL-RSP-2400_1112 Datasheet
437Kb / 6P
   2400W Single Output Power Supply
logo
Total Power Internation...
RSP-2400 TOTAL-POWER-RSP-2400 Datasheet
442Kb / 6P
   2400W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-2400 MEANWELL-RSP-2400_10 Datasheet
437Kb / 6P
   2400W Single Output Power Supply
RSP-2400-12 MEANWELL-RSP-2400-12 Datasheet
420Kb / 5P
   2400W Single Output Power Supply
logo
Tripp Lite. All Rights ...
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
   2000W 230V AVR Line Conditioner, Power Conditioner
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com