データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFD2H829MMQ1D571 データシート(PDF) 2 Page - Murata Manufacturing Co., Ltd.

部品番号 LFD2H829MMQ1D571
部品情報  LC Diplexers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFD2H829MMQ1D571 データシート(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LFD2H829MMQ1D571 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFD2H829MMQ1D571 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of LFD2H829MMQ1D571 from the official website of Murata
Manufacturing Co., Ltd.
https://www.murata.com/en-us/products/productdetail?partno=LFD2H829MMQ1D571
LFD2H829MMQ1D571
Specifications
Applications
LTE
Power Capacity
3W
Operating Temperature Range
-
40
to
85
L x W (size)
2.50x2.00mm
Thickness(max.)
1.0mm
2 of 2
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last
updated 2017/11/13


同様の部品番号 - LFD2H829MMQ1D571

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
LFD2H796MMQ1D596 MURATA-LFD2H796MMQ1D596 Datasheet
162Kb / 2P
   LC Diplexers
More results

同様の説明 - LFD2H829MMQ1D571

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
LFD152G45MU5D935 MURATA-LFD152G45MU5D935 Datasheet
162Kb / 2P
   LC Diplexers
LFD212G45MJ7R816 MURATA-LFD212G45MJ7R816 Datasheet
167Kb / 2P
   LC Diplexers
LFD21829MDKDD804 MURATA-LFD21829MDKDD804 Datasheet
162Kb / 2P
   LC Diplexers
LFD182G45DP3B888 MURATA-LFD182G45DP3B888 Datasheet
268Kb / 3P
   LC Diplexers
LFD182G45MJ6D431 MURATA-LFD182G45MJ6D431 Datasheet
167Kb / 2P
   LC Diplexers
LFD2H796MMQ1D596 MURATA-LFD2H796MMQ1D596 Datasheet
162Kb / 2P
   LC Diplexers
LFD182G45DCJD247 MURATA-LFD182G45DCJD247 Datasheet
167Kb / 2P
   LC Diplexers
LFD18892MDPSD302 MURATA-LFD18892MDPSD302 Datasheet
162Kb / 2P
   LC Diplexers
logo
Pasternack Enterprises,...
PE8DP1001 PASTERNACK-PE8DP1001 Datasheet
351Kb / 3P
   RF Diplexers
logo
Taiyo Yuden (U.S.A.), I...
TSD1N18B829MLV0D4T TAIYO-YUDEN-TSD1N18B829MLV0D4T Datasheet
305Kb / 2P
   nullMultilayer Ceramic Devices (Diplexers)
2021.11.26
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com