データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9248BSTZ-40 データシート(PDF) 11 Page - Analog Devices

部品番号 AD9248BSTZ-40
部品情報  Dual A/D Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9248BSTZ-40 データシート(HTML) 11 Page - Analog Devices

Back Button AD9248BSTZ-40 Datasheet HTML 7Page - Analog Devices AD9248BSTZ-40 Datasheet HTML 8Page - Analog Devices AD9248BSTZ-40 Datasheet HTML 9Page - Analog Devices AD9248BSTZ-40 Datasheet HTML 10Page - Analog Devices AD9248BSTZ-40 Datasheet HTML 11Page - Analog Devices AD9248BSTZ-40 Datasheet HTML 12Page - Analog Devices AD9248BSTZ-40 Datasheet HTML 13Page - Analog Devices AD9248BSTZ-40 Datasheet HTML 14Page - Analog Devices AD9248BSTZ-40 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
AD9248
Rev. B | Page 10 of 48
Table 6. 64-Lead LQFP and 64-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 13, 16
AGND
Analog Ground.
2
VIN+_A
Analog Input Pin (+) for Channel A.
3
VIN−_A
Analog Input Pin (−) for Channel A.
5, 12, 17, 64
AVDD
Analog Power Supply.
6
REFT_A
Differential Reference (+) for Channel A.
7
REFB_A
Differential Reference (−) for Channel A.
8
VREF
Voltage Reference Input/Output.
9
SENSE
Reference Mode Selection.
10
REFB_B
Differential Reference (−) for Channel B.
11
REFT_B
Differential Reference (+) for Channel B.
14
VIN−_B
Analog Input Pin (−) for Channel B.
15
VIN+_B
Analog Input Pin (+) for Channel B.
18
CLK_B
Clock Input Pin for Channel B.
19
DCS
Enable Duty Cycle Stabilizer (DCS) Mode.
20
DFS
Data Output Format Select Pin (Low for Offset Binary, High for Twos Complement).
21
PDWN_B
Power-Down Function Selection for Channel B.
Logic 0 enables Channel B. Logic 1 powers down Channel B (outputs static, not High-Z).
22
OEB_B
Output Enable Pin for Channel B.
Logic 0 enables Data Bus B. Logic 1 sets outputs to High-Z.
23 to 27,
30 to 38
D0_B (LSB) to
D13_B (MSB)
Channel B Data Output Bits.
28, 40, 53
DRGND
Digital Output Ground.
29, 41, 52
DRVDD
Digital Output Driver Supply. Must be decoupled to DRGND with a minimum 0.1 μF capacitor.
Recommended decoupling is 0.1 μF capacitor in parallel with 10 μF capacitor.
39
OTR_B
Out-of-Range Indicator for Channel B.
42 to 51,
54 to 57
D0_A (LSB) to
D13_A (MSB)
Channel A Data Output Bits.
58
OTR_A
Out-of-Range Indicator for Channel A.
59
OEB_A
Output Enable Pin for Channel A.
Logic 0 enables Data Bus A. Logic 1 sets outputs to High-Z.
60
PDWN_A
Power-Down Function Selection for Channel A.
Logic 0 enables Channel A. Logic 1 powers down Channel A (outputs static, not High-Z).
61
MUX_SELECT
Data Multiplexed Mode.
(See Data Format section for how to enable; high setting disables output data multiplexed mode.)
62
SHARED_REF
Shared Reference Control Pin (Low for Independent Reference Mode, High for Shared Reference Mode).
63
CLK_A
Clock Input Pin for Channel A.
EP
For the 64-Lead LFCSP only, there is an exposed pad that must connect to AGND.


同様の部品番号 - AD9248BSTZ-40

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results

同様の説明 - AD9248BSTZ-40

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC1650 MOTOROLA-MC1650 Datasheet
113Kb / 11P
   DUAL A/D CONVERTER
logo
Analog Devices
AD9288 AD-AD9288_17 Datasheet
633Kb / 25P
   Dual A/D Converter
AD9238 AD-AD9238_17 Datasheet
1Mb / 49P
   Dual A/D Converter
ADC1100 AD-ADC1100_15 Datasheet
1Mb / 4P
   LOW COST DUAL SLOPE A/D CONVERTER
ADC1105 AD-ADC1105_15 Datasheet
2Mb / 6P
   High Resolution, Dual Slope A/D Converter
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com