データシートサーチシステム |
|
AD9248BSTZRL-65 データシート(PDF) 11 Page - Analog Devices |
|
AD9248BSTZRL-65 データシート(HTML) 11 Page - Analog Devices |
11 / 49 page AD9248 Rev. B | Page 10 of 48 Table 6. 64-Lead LQFP and 64-Lead LFCSP Pin Function Descriptions Pin No. Mnemonic Description 1, 4, 13, 16 AGND Analog Ground. 2 VIN+_A Analog Input Pin (+) for Channel A. 3 VIN−_A Analog Input Pin (−) for Channel A. 5, 12, 17, 64 AVDD Analog Power Supply. 6 REFT_A Differential Reference (+) for Channel A. 7 REFB_A Differential Reference (−) for Channel A. 8 VREF Voltage Reference Input/Output. 9 SENSE Reference Mode Selection. 10 REFB_B Differential Reference (−) for Channel B. 11 REFT_B Differential Reference (+) for Channel B. 14 VIN−_B Analog Input Pin (−) for Channel B. 15 VIN+_B Analog Input Pin (+) for Channel B. 18 CLK_B Clock Input Pin for Channel B. 19 DCS Enable Duty Cycle Stabilizer (DCS) Mode. 20 DFS Data Output Format Select Pin (Low for Offset Binary, High for Twos Complement). 21 PDWN_B Power-Down Function Selection for Channel B. Logic 0 enables Channel B. Logic 1 powers down Channel B (outputs static, not High-Z). 22 OEB_B Output Enable Pin for Channel B. Logic 0 enables Data Bus B. Logic 1 sets outputs to High-Z. 23 to 27, 30 to 38 D0_B (LSB) to D13_B (MSB) Channel B Data Output Bits. 28, 40, 53 DRGND Digital Output Ground. 29, 41, 52 DRVDD Digital Output Driver Supply. Must be decoupled to DRGND with a minimum 0.1 μF capacitor. Recommended decoupling is 0.1 μF capacitor in parallel with 10 μF capacitor. 39 OTR_B Out-of-Range Indicator for Channel B. 42 to 51, 54 to 57 D0_A (LSB) to D13_A (MSB) Channel A Data Output Bits. 58 OTR_A Out-of-Range Indicator for Channel A. 59 OEB_A Output Enable Pin for Channel A. Logic 0 enables Data Bus A. Logic 1 sets outputs to High-Z. 60 PDWN_A Power-Down Function Selection for Channel A. Logic 0 enables Channel A. Logic 1 powers down Channel A (outputs static, not High-Z). 61 MUX_SELECT Data Multiplexed Mode. (See Data Format section for how to enable; high setting disables output data multiplexed mode.) 62 SHARED_REF Shared Reference Control Pin (Low for Independent Reference Mode, High for Shared Reference Mode). 63 CLK_A Clock Input Pin for Channel A. EP For the 64-Lead LFCSP only, there is an exposed pad that must connect to AGND. |
同様の部品番号 - AD9248BSTZRL-65 |
|
同様の説明 - AD9248BSTZRL-65 |