データシートサーチシステム |
|
ITAXXU1 データシート(PDF) 3 Page - STMicroelectronics |
|
ITAXXU1 データシート(HTML) 3 Page - STMicroelectronics |
3 / 6 page ITAxxU1 3/6 Figure 2: Pulse waveform Figure 3: Typical peak pulse power versus exponential pulse duration Figure 4: Clamping voltage versus peak pulse current (exponential waveform 8/20µs) Figure 5: Peak current IDC inducing open circuit of the wire for one input/output versus pulse duration (typical values) Figure 6: Junction capacitance versus reverse applied voltage for one input/output (typical values) Figure 7: Relative variation of leakage current versus junction temperature %IPP t 8µs 100 50 0 20µs Pulse waveform 8/20µs 1E-3 1E-2 1E-1 1E+0 1E+1 10 100 1000 PPP(W) Tj initial=25°C tP(ms) expo VCL(V) Tj initial=25°C IPP(A) 1E+00 1E+01 1E+02 1E+03 1E-01 1E+00 1E+01 1E+02 %IPP tr 100 50 0 tp t IDC(A) tP(ms) 1E+00 1E+01 1E+02 1E+03 1E-02 1E-01 1E+00 1E+01 Exponential waveform 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 500 750 1000 1250 1500 C(pF) VR(V) Tj=25°C F=1MHz 5E+3 1E+3 1E+2 1E+1 0 25 50 75 100 125 150 1E+0 1E-1 Tj(°C) IR(T ) I (T =25°C) j Rj VR=VRM |
同様の部品番号 - ITAXXU1 |
|
同様の説明 - ITAXXU1 |