データシートサーチシステム |
|
L78M08CV データシート(PDF) 5 Page - STMicroelectronics |
|
L78M08CV データシート(HTML) 5 Page - STMicroelectronics |
5 / 21 page L78M00 SERIES 5/21 ELECTRICAL CHARACTERISTICS OF L78M05C (refer to the test circuits, TJ = 25°C, VI =10V, IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified). ELECTRICAL CHARACTERISTICS OF L78M06C (refer to the test circuits, TJ = 25°C, VI =11V, IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified). Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage 4.8 5 5.2 V VO Output Voltage IO = 5 to 350 mA VI = 7 to 20 V 4.75 5 5.25 V ∆V O Line Regulation VI =7 to 25 V IO = 200 mA 100 mV VI =8 to 25 V IO = 200 mA 50 ∆V O Load Regulation IO = 5 to 500 mA TJ = 25°C 100 mV IO = 5 to 200 mA TJ = 25°C 50 Id Quiescent Current 6mA ∆I d Quiescent Current Change IO = 5 to 350 mA 0.5 mA IO = 200 mA VI = 8 to 25 V 0.8 ∆V O/∆T Output Voltage Drift IO =5mA TJ = 0 to 125°C -0.5 mV/°C SVR Supply Voltage Rejection VI = 8 to 18 V f = 120Hz IO = 300mA 62 dB eN Output Noise Voltage B =10Hz to 100KHz 40 µV Vd Dropout Voltage 2 V Isc Short Circuit Current VI = 35 V 300 mA Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage 5.75 6 6.25 V VO Output Voltage IO = 5 to 350 mA VI = 8 to 21 V 5.7 6 6.3 V ∆V O Line Regulation VI =8 to 25 V IO = 200 mA 100 mV VI =9 to 25 V IO = 200 mA 50 ∆V O Load Regulation IO = 5 to 500 mA TJ = 25°C 120 mV IO = 5 to 200 mA TJ = 25°C 60 Id Quiescent Current 6mA ∆I d Quiescent Current Change IO = 5 to 350 mA 0.5 mA IO = 200 mA VI = 9 to 25 V 0.8 ∆V O/∆T Output Voltage Drift IO =5mA TJ = 0 to 125°C -0.5 mV/°C SVR Supply Voltage Rejection VI = 9 to 19 V f = 120Hz IO = 300mA 59 dB eN Output Noise Voltage B =10Hz to 100KHz 45 µV Vd Dropout Voltage 2 V Isc Short Circuit Current VI = 35 V 270 mA |
同様の部品番号 - L78M08CV |
|
同様の説明 - L78M08CV |