データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L63DG2L データシート(PDF) 1 Page - Visual Communications Company

部品番号 L63DG2L
部品情報  Front panel mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VCC [Visual Communications Company]
ホームページ  http://vcclite.com
Logo VCC - Visual Communications Company

L63DG2L データシート(HTML) 1 Page - Visual Communications Company

  L63DG2L Datasheet HTML 1Page - Visual Communications Company L63DG2L Datasheet HTML 2Page - Visual Communications Company L63DG2L Datasheet HTML 3Page - Visual Communications Company L63DG2L Datasheet HTML 4Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
05/16 Rev 1
the first call for illuminated components
www.vcclite.com
1.800.522.5546
1
• Max. Mounting Torque: 5.9 lbs-in (6.8kg-cm)
• Max. Panel Thickness: 0.118” (3.0mm)
• Mounting Hole Size: 0.244” (6.2mm)
• Body Material: Brass, chromium plated
• Low power consumption
• Three colors available: Red, Green, Yellow
• Viewing angle: from 25o to 50o
• Diffused T-1 (3mm) LED
• Base Material: Phenolic (UL94 V-1)
• Low power consumption
• Straight leads terminals
• High brightness LEDs for daylight viewing
• Life expectancy of 100,000 hours
• Front panel mounting
• Protruding LED position
washer included
• Mounting hardware provided. Fixing nut and
requirements
• Compliant with RoHS and REACH
• Operating Voltage of 2 ~ 3.2 VDC
• For customized options, please contact us
oil, air and dust tight.
• Order gasket separately to provide water,
Key Features
• Automation & Control
• Manufacturing
• Oil and Gas Industry
• Maritime
• Medical
• People Movers
• Food Service
• Transportation
• Industrial
Applications
L63 Series 3mm LED Robust
Panel Mount Indicator
Mounting Hole 0.244” (6.2mm)
L63 is available in a robust body and protruding LED position, supplied with
lock washer and hex nut, in three different diffused LEDs colors


同様の部品番号 - L63DG2L

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
L6301 HAMAMATSU-L6301 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6302 HAMAMATSU-L6302 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6303 HAMAMATSU-L6303 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6304 HAMAMATSU-L6304 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
L6305 HAMAMATSU-L6305 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
More results

同様の説明 - L63DG2L

メーカー部品番号データシート部品情報
logo
Grayhill, Inc
30-201B-1S GRAYHILL-30-201B-1S Datasheet
273Kb / 1P
   Sealed, Front Panel Mounting
logo
BELIMO AIRCONTROLS (USA...
SGF24 BELIMO-SGF24 Datasheet
444Kb / 3P
   For front-panel mounting
logo
Grayhill, Inc
30-200 GRAYHILL-30-200 Datasheet
255Kb / 1P
   Sealed, Front Panel Mounting
logo
ODU GmbH & Co.KG
GABMFG-P41LCD9-0071 ODU-GABMFG-P41LCD9-0071 Datasheet
518Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GABMFG-P19LY19-0071 ODU-GABMFG-P19LY19-0071 Datasheet
467Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P22LFG0-0002 ODU-GXBMFG-P22LFG0-0002 Datasheet
438Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P04LTS0-0003 ODU-GXBMFG-P04LTS0-0003 Datasheet
419Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P18LJH0-0002 ODU-GXBMFG-P18LJH0-0002 Datasheet
439Kb / 2P
   ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
logo
Festo Corporation.
10190 FESTO-10190 Datasheet
87Kb / 1P
   Front panel valve
4/10/22
SV-5-M5-B FESTO-SV-5-M5-B Datasheet
86Kb / 1P
   Front panel valve
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com