データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CNX722N50024W データシート(PDF) 1 Page - Visual Communications Company

部品番号 CNX722N50024W
部品情報  wide angle viewable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VCC [Visual Communications Company]
ホームページ  http://vcclite.com
Logo VCC - Visual Communications Company

CNX722N50024W データシート(HTML) 1 Page - Visual Communications Company

  CNX722N50024W Datasheet HTML 1Page - Visual Communications Company CNX722N50024W Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22mm TuffLED™
Panel Mount Indicator
Ruggedized CNX 722 Series with built-in LED offers fast, easy
installation in harsh environments
www.vcclite.com
1.800.522.5546
engineered to light up your design
Key features
Product dimensions
Applications
• control cabinets
• instrument panels
• disinfection and sterilization environments
• transportation dashboards
• switch stations
• safety applications
• outdoor signage
• aircraft and military
• industrial machinery
• vending and gaming machines
• designed for extreme harsh and outdoor environments
• variety of connection options for fast, easy installation
• built-in LED can be used with 5, 12 or 24 volt D/C
circuits
• fast pitch threads ease assembly, requiring only1 turn
• special nut assembles by
or with 1” hextool
• direct sunlight visibility
• wide angle viewable
• resistant to shock and vibration
• custom LEDs and lens colors available
• optional bezel available in many colors
• moisture sealed, IP 67/NEMA 6P rated
• RoHS compliant
Indicator
Assemblies
Bezels
.12 in[3mm]
o 1.26 in[32mm]
.50 in[12.8mm]
o 1.01 in[25.6mm]
6 in[152.4mm]
.47 in[11.8mm]
o 1.26 in[32mm]


同様の部品番号 - CNX722N50024W

メーカー部品番号データシート部品情報
logo
Visual Communications C...
CNX722C200FVB VCC-CNX722C200FVB Datasheet
541Kb / 2P
   Panel Mount Indicator
CNX722C200FVT VCC-CNX722C200FVT Datasheet
541Kb / 2P
   Panel Mount Indicator
CNX722C200FVW VCC-CNX722C200FVW Datasheet
541Kb / 2P
   Panel Mount Indicator
CNX722C200FVX VCC-CNX722C200FVX Datasheet
541Kb / 2P
   Panel Mount Indicator
CNX722C200XXB VCC-CNX722C200XXB Datasheet
541Kb / 2P
   Panel Mount Indicator
More results

同様の説明 - CNX722N50024W

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
MAN32X0A FAIRCHILD-MAN32X0A Datasheet
427Kb / 6P
   DOUBLE HETEROJUNCTION SUNLIGHT VIEWABLE DISPLAYS
logo
QT Optoelectronics
MAN32X0A QT-MAN32X0A Datasheet
405Kb / 5P
   DOUBLE HETEROJUNCTION AIGAAS RED SUNLIGHT VIEWABLE DISPLAYS
logo
Kingbright Corporation
APTB1612SYKQWDF-AMT KINGBRIGHT-APTB1612SYKQWDF-AMT Datasheet
368Kb / 9P
   Wide viewing angle
APG0603SURC-TT KINGBRIGHT-APG0603SURC-TT Datasheet
265Kb / 5P
   Wide viewing angle
APHBM2012LCGKSYKC KINGBRIGHT-APHBM2012LCGKSYKC Datasheet
302Kb / 6P
   Wide viewing angle
APHBM2012LSURKCGKC KINGBRIGHT-APHBM2012LSURKCGKC Datasheet
304Kb / 6P
   Wide viewing angle
APHBM2012LSURKSYKC KINGBRIGHT-APHBM2012LSURKSYKC Datasheet
303Kb / 6P
   Wide viewing angle
APTB1612LVBDZGKC KINGBRIGHT-APTB1612LVBDZGKC Datasheet
325Kb / 6P
   Wide viewing angle
APTB1612LZGKSYKC KINGBRIGHT-APTB1612LZGKSYKC Datasheet
345Kb / 6P
   Wide viewing angle
APG0603SYC-TT KINGBRIGHT-APG0603SYC-TT Datasheet
242Kb / 5P
   Wide viewing angle
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com