データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L78M20CDT-1 データシート(PDF) 7 Page - STMicroelectronics

部品番号 L78M20CDT-1
部品情報  POSITIVE VOLTAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M20CDT-1 データシート(HTML) 7 Page - STMicroelectronics

Back Button L78M20CDT-1 Datasheet HTML 3Page - STMicroelectronics L78M20CDT-1 Datasheet HTML 4Page - STMicroelectronics L78M20CDT-1 Datasheet HTML 5Page - STMicroelectronics L78M20CDT-1 Datasheet HTML 6Page - STMicroelectronics L78M20CDT-1 Datasheet HTML 7Page - STMicroelectronics L78M20CDT-1 Datasheet HTML 8Page - STMicroelectronics L78M20CDT-1 Datasheet HTML 9Page - STMicroelectronics L78M20CDT-1 Datasheet HTML 10Page - STMicroelectronics L78M20CDT-1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
L78M00 SERIES
7/21
ELECTRICAL CHARACTERISTICS OF L78M10C (refer to the test circuits, TJ = 25°C, VI =16V,
IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified).
ELECTRICAL CHARACTERISTICS OF L78M12C (refer to the test circuits, TJ = 25°C, VI =19V,
IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
9.6
10
10.4
V
VO
Output Voltage
IO = 5 to 350 mA
VI = 12.5 to 25 V
9.5
10
10.5
V
∆V
O
Line Regulation
VI =12.5to 30V
IO = 200 mA
100
mV
VI = 13to 30V
IO = 200 mA
50
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
200
mV
IO = 5 to 200 mA
TJ = 25°C
100
Id
Quiescent Current
6mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI =12.5to 30V
0.8
∆V
O/∆T
Output Voltage Drift
IO =5mA
TJ = 0 to 125°C
-0.5
mV/°C
SVR
Supply Voltage Rejection
VI = 13.5 to 24 V
f = 120Hz
IO = 300mA
56
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
64
µV
Vd
Dropout Voltage
2
V
Isc
Short Circuit Current
VI = 35 V
245
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
11.5
12
12.5
V
VO
Output Voltage
IO = 5 to 350 mA
VI =14.5to 27V
11.4
12
12.6
V
∆V
O
Line Regulation
VI =14.5to 30V
IO = 200 mA
100
mV
VI = 16to 30V
IO = 200 mA
50
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
240
mV
IO = 5 to 200 mA
TJ = 25°C
120
Id
Quiescent Current
6mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI =14.5to 30V
0.8
∆V
O/∆T
Output Voltage Drift
IO =5mA
TJ = 0 to 125°C
-1
mV/°C
SVR
Supply Voltage Rejection
VI = 15to 25V
f=120Hz
IO = 300mA
55
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
75
µV
Vd
Dropout Voltage
2
V
Isc
Short Circuit Current
VI = 35 V
240
mA


同様の部品番号 - L78M20CDT-1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L78M20CDT-1 STMICROELECTRONICS-L78M20CDT-1 Datasheet
493Kb / 30P
   Positive voltage regulators
More results

同様の説明 - L78M20CDT-1

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com