データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP34X1G データシート(PDF) 6 Page - Micronas

部品番号 MSP34X1G
部品情報  Multistandard Sound Processor Family with Virtual Dolby Surround
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRONAS [Micronas]
ホームページ  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X1G データシート(HTML) 6 Page - Micronas

Back Button MSP34X1G Datasheet HTML 2Page - Micronas MSP34X1G Datasheet HTML 3Page - Micronas MSP34X1G Datasheet HTML 4Page - Micronas MSP34X1G Datasheet HTML 5Page - Micronas MSP34X1G Datasheet HTML 6Page - Micronas MSP34X1G Datasheet HTML 7Page - Micronas MSP34X1G Datasheet HTML 8Page - Micronas MSP34X1G Datasheet HTML 9Page - Micronas MSP34X1G Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
6
Micronas
Multistandard Sound Processor Family with Virtual
Dolby Surround
Release Note: Revision bars indicate significant
changes to the previous edition.The hardware and
software description in this document is valid for
the MSP 34x1G version B8 and following versions.
1. Introduction
The MSP 34x1G family of single-chip Multistandard
Sound Processors covers the sound processing of all
analog TV-Standards worldwide, as well as the NICAM
digital sound standards. The full TV sound processing,
starting with analog sound IF signal-in, down to pro-
cessed analog AF-out, is performed on a single chip.
Figure 1–1 shows a simplified functional block diagram
of the MSP 34x1G.
The MSP 34x1G has all functions of the MSP 34x0G
with the addition of a virtual surround sound feature.
Surround sound can be reproduced to a certain extent
with two loudspeakers. The MSP 34x1G includes the
Micronas virtualizer algorithm “3D-PANORAMA” which
has been approved by the Dolby1) Laboratories for
compliance with the "Virtual Dolby Surround" technol-
ogy. In addition, the MSP 34x1G includes the “PAN-
ORAMA” algorithm.
These TV sound processing ICs include versions for
processing the multichannel television sound (MTS)
signal conforming to the standard recommended by
the Broadcast Television Systems Committee (BTSC).
The DBX noise reduction, or alternatively, Micronas
Noise Reduction (MNR) is performed alignment free.
Other processed standards are the Japanese FM-FM
multiplex standard (EIA-J) and the FM Stereo Radio
standard.
Current ICs have to perform adjustment procedures in
order to achieve good stereo separation for BTSC and
EIA-J. The MSP 34x1G has optimum stereo perfor-
mance without any adjustments.
All MSP 34xxG versions are pin compatible to the
MSP 34xxD. Only minor modifications are necessary
to adapt a MSP 34xxD controlling software to the
MSP 34xxG. The MSP 34x1G further simplifies con-
trolling software. Standard selection requires a single
I2C transmission only.
The MSP 34x1G has built-in automatic functions: The
IC is able to detect the actual sound standard automat-
ically (Automatic Standard Detection). Furthermore,
pilot levels and identification signals can be evaluated
internally with subsequent switching between mono/
stereo/bilingual; no I2C interaction is necessary (Auto-
matic Sound Selection).
The ICs are produced in submicron CMOS technology.
The MSP 34x1G is available in the following packages:
PLCC68 (not intended for new designs), PSDIP64,
PSDIP52, PQFP80, and PLQFP64.
Fig. 1–1: Simplified functional block diagram of the MSP 34x1G
Loud-
SCART1
SCART2
SCART1
SCART2
SCART4
SCART3
MONO
De-
modulator
Headphone
Headphone
I2S
Sound
Processing
speaker
Sound
Processing
DAC
DAC
ADC
Loud-
DAC
DAC
ADC
Subwoofer
SCART
DSP
Input
Select
Pre-
processing
SCART
Output
Select
Prescale
Prescale
I2S1
I2S2
Sound IF1
Sound IF2
speaker


同様の部品番号 - MSP34X1G

メーカー部品番号データシート部品情報
logo
Micronas
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X2G MICRONAS-MSP34X2G Datasheet
1Mb / 104P
   Multistandard Sound Processor Family with Dolby Surround Pro Logic
logo
List of Unclassifed Man...
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
More results

同様の説明 - MSP34X1G

メーカー部品番号データシート部品情報
logo
Micronas
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X2G MICRONAS-MSP34X2G Datasheet
1Mb / 104P
   Multistandard Sound Processor Family with Dolby Surround Pro Logic
MSP3410G MICRONAS-MSP3410G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com