データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP34X1G データシート(PDF) 89 Page - Micronas

部品番号 MSP34X1G
部品情報  Multistandard Sound Processor Family with Virtual Dolby Surround
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRONAS [Micronas]
ホームページ  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X1G データシート(HTML) 89 Page - Micronas

Back Button MSP34X1G Datasheet HTML 85Page - Micronas MSP34X1G Datasheet HTML 86Page - Micronas MSP34X1G Datasheet HTML 87Page - Micronas MSP34X1G Datasheet HTML 88Page - Micronas MSP34X1G Datasheet HTML 89Page - Micronas MSP34X1G Datasheet HTML 90Page - Micronas MSP34X1G Datasheet HTML 91Page - Micronas MSP34X1G Datasheet HTML 92Page - Micronas MSP34X1G Datasheet HTML 93Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
89
6.3.2. A2 Threshold
The threshold between Stereo/Bilingual and Mono
Identification for the A2 Standard has been made pro-
grammable according to the user’s preferences. An
internal hysteresis ensures robustness and stability.
6.3.3. Carrier-Mute Threshold
The Carrier-Mute threshold has been made program-
mable according to the user’s preferences. An internal
hysteresis ensures stable behavior.
Table 6–7: Write Register on I2C Subaddress 10hex : A2 Threshold
Register
Address
Function
Name
THRESHOLDS
00 22hex (write)
A2 THRESHOLD Register
Defines threshold of all A2 and EIA_J standards for Stereo and Bilingual
detection
bit[15:0]
07F0hex
force Mono Identification
...
0190hex
default setting after reset
...
00A0hex
minimum Threshold for stable detection
recommended range : 00A0hex...03C0hex
A2_THRESH
Table 6–8: Write Register on I2C Subaddress 10hex : Carrier-Mute Threshold
Register
Address
Function
Name
THRESHOLDS
00 24hex (write)
Carrier-Mute THRESHOLD Register
Defines threshold for the carrier mute feature
bit[15:0]
0000hex
Carrier-Mute always ON (both channels muted)
...
002Ahex
default setting after reset
...
07FFhex
Carrier-Mute always OFF
(both channels forced on)
recommended range : 0014hex...0050hex
CM_THRESH


同様の部品番号 - MSP34X1G

メーカー部品番号データシート部品情報
logo
Micronas
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X2G MICRONAS-MSP34X2G Datasheet
1Mb / 104P
   Multistandard Sound Processor Family with Dolby Surround Pro Logic
logo
List of Unclassifed Man...
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
More results

同様の説明 - MSP34X1G

メーカー部品番号データシート部品情報
logo
Micronas
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X2G MICRONAS-MSP34X2G Datasheet
1Mb / 104P
   Multistandard Sound Processor Family with Dolby Surround Pro Logic
MSP3410G MICRONAS-MSP3410G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com