データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP34X1G データシート(PDF) 98 Page - Micronas

部品番号 MSP34X1G
部品情報  Multistandard Sound Processor Family with Virtual Dolby Surround
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRONAS [Micronas]
ホームページ  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X1G データシート(HTML) 98 Page - Micronas

Back Button MSP34X1G Datasheet HTML 94Page - Micronas MSP34X1G Datasheet HTML 95Page - Micronas MSP34X1G Datasheet HTML 96Page - Micronas MSP34X1G Datasheet HTML 97Page - Micronas MSP34X1G Datasheet HTML 98Page - Micronas MSP34X1G Datasheet HTML 99Page - Micronas MSP34X1G Datasheet HTML 100Page - Micronas MSP34X1G Datasheet HTML 101Page - Micronas MSP34X1G Datasheet HTML 102Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
98
Micronas
6.5.5. NICAM Deemphasis
A J17 Deemphasis is always applied to the NICAM
signal. It is not switchable.
6.5.6. Identification Mode for A2 Stereo Systems
To shorten the response time of the identification algo-
rithm after a program change between two FM-Stereo
capable programs, the reset of the ident-filter can be
applied.
Sequence:
1. Program change
2. Reset ident-filter
3. Set identification mode back to standard B/G or M
4. Wait approx. 500 ms
5. Read stereo detection register
Note: This register is initialized during STANDARD
SELECTION and is automatically updated when Auto-
matic Sound Select (MODUS[0]=1) is on.
6.5.7. FM DC Notch
The DC compensation filter (FM DC Notch) for FM
input can be switched off. This is used to speed up the
automatic search function (see Section 6.4.7.). In nor-
mal FM-mode, the FM DC Notch should be switched
on.
6.6. Manual/Compatibility Mode:
Description of DSP Read Registers
All readable registers are 16-bit wide. Transmissions
via I2C bus have to take place in 16-bit words. Some of
the defined 16-bit words are divided into low and high
byte, thus holding two different control entities.
These registers are not writable.
6.6.1. Stereo Detection Register
for A2 Stereo Systems
Note: It is no longer necessary to read out and evalu-
ate the A2 identification level. All evaluation is per-
formed in the MSP and indicated in the STATUS regis-
ter.
6.6.2. DC Level Register
The DC level register measures the DC component of
the incoming FM signals (FM1 and FM2). This can be
used for seek functions in satellite receivers and for IF
FM frequencies fine tuning. A too low demodulation
frequency (DCO) results in a positive DC-level and
vice versa. For further processing, the DC content of
the demodulated FM signals is suppressed. The time
constant
τ, defining the transition time of the DC Level
Register, is approximately 28 ms.
Identification Mode
00 15hex
L
Standard B/G
(German Stereo)
0000 0000
00hex
RESET
Standard M
(Korean Stereo)
0000 0001
01hex
Reset of Ident-Filter
0011 1111
3Fhex
FM DC Notch
00 17hex
L
ON
0000 0000
00hex
Reset
OFF
0011 1111
3Fhex
Stereo Detection
Register
00 18hex
H
Stereo Mode
Reading
(two’s complement)
MONO
near zero
STEREO
positive value (ideal
reception: 7Fhex)
BILINGUAL
negative value (ideal
reception: 80hex)
DC Level Readout
FM1 (MSP-Ch2)
00 1Bhex
H
+L
DC Level Readout
FM2 (MSP-Ch1)
00 1Chex
H
+L
DC Level
[8000hex ... 7FFFhex]
values are 16 bit two’s
complement


同様の部品番号 - MSP34X1G

メーカー部品番号データシート部品情報
logo
Micronas
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X2G MICRONAS-MSP34X2G Datasheet
1Mb / 104P
   Multistandard Sound Processor Family with Dolby Surround Pro Logic
logo
List of Unclassifed Man...
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
More results

同様の説明 - MSP34X1G

メーカー部品番号データシート部品情報
logo
Micronas
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X2G MICRONAS-MSP34X2G Datasheet
1Mb / 104P
   Multistandard Sound Processor Family with Dolby Surround Pro Logic
MSP3410G MICRONAS-MSP3410G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com