データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP34X1G データシート(PDF) 29 Page - Micronas

部品番号 MSP34X1G
部品情報  Multistandard Sound Processor Family with Virtual Dolby Surround
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRONAS [Micronas]
ホームページ  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X1G データシート(HTML) 29 Page - Micronas

Back Button MSP34X1G Datasheet HTML 25Page - Micronas MSP34X1G Datasheet HTML 26Page - Micronas MSP34X1G Datasheet HTML 27Page - Micronas MSP34X1G Datasheet HTML 28Page - Micronas MSP34X1G Datasheet HTML 29Page - Micronas MSP34X1G Datasheet HTML 30Page - Micronas MSP34X1G Datasheet HTML 31Page - Micronas MSP34X1G Datasheet HTML 32Page - Micronas MSP34X1G Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
Micronas
29
3.3.2.6. Write Registers on I2C Subaddress 12hex
Table 3–11: Write Registers on I2C Subaddress 12hex
Register
Address
Function
Name
PREPROCESSING
00 0Ehex
FM/AM Prescale
bit[15:8]
00hex
Defines the input prescale gain for the demodulated
...
FM or AM signal
7Fhex
00hex
off (RESET condition)
For all FM modes except satellite FM and AM-mode, the combinations of pres-
cale value and FM deviation listed below lead to internal full scale.
FM mode
bit[15:8]
7Fhex
28 kHz FM deviation
48hex
50 kHz FM deviation
30hex
75 kHz FM deviation
24hex
100 kHz FM deviation
18hex
150 kHz FM deviation
13hex
180 kHz FM deviation (limit)
FM high deviation mode (HDEV2, MSP Standard Code = Chex)
bit[15:8]
30hex
150 kHz FM deviation
14hex
360 kHz FM deviation (limit)
FM very high deviation mode (HDEV3, MSP Standard Code = 6 and Dhex)
bit[15:8]
20hex
450 kHz FM deviation
1Ahex
540 kHz FM deviation (limit)
Satellite FM with adaptive deemphasis
bit[15:8]
10hex
recommendation
AM mode (MSP Standard Code = 9)
bit[15:8]
7Chex
recommendation for SIF input levels from
0.1 Vpp to 0.8 Vpp
(Due to the AGC being switched on, the AM-output level
remains stable and independent of the actual SIF-level in
the mentioned input range)
PRE_FM


同様の部品番号 - MSP34X1G

メーカー部品番号データシート部品情報
logo
Micronas
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X2G MICRONAS-MSP34X2G Datasheet
1Mb / 104P
   Multistandard Sound Processor Family with Dolby Surround Pro Logic
logo
List of Unclassifed Man...
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
More results

同様の説明 - MSP34X1G

メーカー部品番号データシート部品情報
logo
Micronas
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X2G MICRONAS-MSP34X2G Datasheet
1Mb / 104P
   Multistandard Sound Processor Family with Dolby Surround Pro Logic
MSP3410G MICRONAS-MSP3410G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com